Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 18Page - Texas Instruments TMP468 Datasheet HTML 19Page - Texas Instruments TMP468 Datasheet HTML 20Page - Texas Instruments TMP468 Datasheet HTML 21Page - Texas Instruments TMP468 Datasheet HTML 22Page - Texas Instruments TMP468 Datasheet HTML 23Page - Texas Instruments TMP468 Datasheet HTML 24Page - Texas Instruments TMP468 Datasheet HTML 25Page - Texas Instruments TMP468 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Pointer Register
Serial
Interface
Local Temp
Remote Temp 1
Remote Temp 3
Remote Temp 4
Remote Temp 2
Remote Temp 5
Remote Temp 7
Remote Temp 8
Remote Temp 6
Configuration
Lock Initialization
Remote 1 Offset
Remote 1 K -factor
Remote 1 THERM
Remote 1 THERM2
Remote 2 Offset
Remote 2 K -factor
Remote 2 THERM
Remote 2 THERM2
Remote 3 Offset
Remote 3 K -factor
Remote 3 THERM
Remote 3 THERM2
Remote 4 Offset
Remote 4 K -factor
Remote 4 THERM
Remote 4 THERM2
Remote 5 Offset
Remote 5 K -factor
Remote 5 THERM
Remote 5 THERM2
Remote 6 Offset
Remote 6 K -factor
Remote 6 THERM
Remote 6 THERM2
Remote 7 Offset
Remote 7 K -factor
Remote 7 THERM
Remote 7 THERM2
Remote 8 Offset
Remote 8 K -factor
Remote 8 THERM
Remote 8 THERM2
SDA
SCL
Device ID
Manufacturer ID
2
Local THERM Limit
Local THERM2 Limit
2
2
2
2
2
2
2
2
THERM Hysterisis
Software Reset
THERM Status
Remote Open Status
THERM2 Status
22
TMP468
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.6.1 Register Information
The TMP468 device contains multiple registers for holding configuration information, temperature measurement
results, and status information. These registers are described in Figure 21 and Table 3.
7.6.1.1 Pointer Register
shows the internal register structure of the TMP468 device. The 8-bit pointer register addresses a given data
register. The pointer register identifies which of the data registers must respond to a read or write command on
the two-wire bus. This register is set with every write command. A write command must be issued to set the
proper value in the pointer register before executing a read command. Table 3 describes the pointer register and
the internal structure of the TMP468 registers. The power-on-reset (POR) value of the pointer register is 00h
(0000 0000b). Table 3 lists a summary of the pointer values for the different registers. Writing data to unassigned
pointer values are ignored and does not affect the operation of the device. Reading an unassigned register
returns undefined data and is ACKed.
Figure 21. TMP468 Internal Register Structure
7.6.1.2 Local and Remote Temperature Value Registers
The TMP468 device has multiple 16-bit registers that hold 13-bit temperature measurement results. The 13 bits
of the local temperature sensor result are stored in register 00h. The 13 bits of the eight remote temperature
sensor results are stored in registers 01h through 08h. The four assigned LSBs of both the local (LT3:LT0) and
remote (RT3:RT0) sensors indicate the temperature value after the decimal point (for example, if the temperature
result is 10.0625°C, then the high byte is 0000 0101 and the low byte is 0000 1000). These registers are read-
only and are updated by the ADC each time a temperature measurement is complete. Asynchronous reads are
supported, so a read operation can occur at any time and results in valid conversion results being transmitted
once the first conversion is complete after power up for the channel being accessed. If after power up a read is
initiated before a conversion is complete, the read operation results in all zeros (0x0000).
7.6.1.3 Software Reset Register
The Software Reset Register allows the user to reset the TMP468 registers through software by setting the reset
bit (RST, bit 15) to 1. The power-on-reset value for this register is 0x0000. Resets are ignored when the device is
in lock mode, so writing a 1 to the RST bit does not reset any registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com