Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 29Page - Texas Instruments TMP468 Datasheet HTML 30Page - Texas Instruments TMP468 Datasheet HTML 31Page - Texas Instruments TMP468 Datasheet HTML 32Page - Texas Instruments TMP468 Datasheet HTML 33Page - Texas Instruments TMP468 Datasheet HTML 34Page - Texas Instruments TMP468 Datasheet HTML 35Page - Texas Instruments TMP468 Datasheet HTML 36Page - Texas Instruments TMP468 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
D014
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
1
Average Conversion Current (16 ms) (
) (240 A)
sec
1
(16 ms) (
) (400 A) (8)
sec
1
(15 A)
1
((16 ms )
(16 ms) (8)) (
)
sec
68 A
u
u
P
u
u
P u
ª
º
P u
u
u
«
»
¬
¼
P
33
TMP468
www.ti.com
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Application (continued)
(7)
(8)
The temperature measurement accuracy of the TMP468 device depends on the remote and local temperature
sensor being at the same temperature as the monitored system point. If the temperature sensor is not in good
thermal contact with the part of the monitored system, then there is a delay between the sensor response and
the system changing temperature. This delay is usually not a concern for remote temperature-sensing
applications that use a substrate transistor (or a small, SOT-23 transistor) placed close to the monitored device.
8.2.3 Application Curve
Figure 24 and Figure 25 show the typical step response to submerging a TMP468 device (initially at 25°C) in an
oil bath with a temperature of 100°C and logging the local temperature readings.
Figure 24. TMP468DSBGA Temperature Step
Response of Local Sensor
Figure 25. TMP468VQFN Temperature Step
Response of Local Sensor
9 Power Supply Recommendations
The TMP468 device operates with a power-supply range from 1.7 V to 3.6 V. The device is optimized for
operation at a 1.8-V supply, but can measure temperature accurately in the full supply range.
TI recommends a power-supply bypass capacitor. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.1 μF. Applications with noisy or
high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com