Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 4Page - Texas Instruments TMP468 Datasheet HTML 5Page - Texas Instruments TMP468 Datasheet HTML 6Page - Texas Instruments TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments TMP468 Datasheet HTML 10Page - Texas Instruments TMP468 Datasheet HTML 11Page - Texas Instruments TMP468 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Device Junction Temperature (°C)
60
-40
40
120
80
100
1
-0.6
-0.4
-0.2
0
0.2
0.4
0.8
0.6
Min Limit
-0.8
-1
Max Limit
Average + 3V
-20
0
20
Average - 3V
Typical Units
Leakage Resistance (M:)
1
10
100
-40
-30
-20
-10
0
10
20
30
40
D+ to V+
D+ to GND
Device Junction Temperature (°C)
D003
75
-50
-25
0
25
50
125
100
-1.5
-1
-0.5
0
0.5
1.5
1
Typical Units
Max Limit
Average + 3V
Min Limit
Average - 3V
Device Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
D001
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
8
TMP468
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C and V+ = 3.6 V (unless otherwise noted)
Typical behavior of 95 DSBGA devices over temperature at V+ =
1.8 V
Figure 2. Local Temperature Error vs Ambient Temperature
Typical behavior of 75 VQFN devices over temperature at V+ =
1.8 V
Figure 3. Local Temperature Error vs Ambient Temperature
Typical behavior of 30 DSBGA devices over temperature at V+ =
1.8 V with the remote diode junction at 150°C.
Figure 4. Remote Temperature Error vs Device Junction
Temperature
Typical behavior of 75 VQFN devices over temperature at V+ =
1.8 V with the remote diode junction at 150°C.
Figure 5. Remote Temperature Error vs Device Junction
Temperature
Typical behavior of 30 devices over temperature with V+ from 1.8
V to 3.6 V
Figure 6. Remote Temperature Error Power Supply
Sensitivity vs Device Junction Temperature
Figure 7. Remote Temperature Error vs Leakage Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com