Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 27Page - Texas Instruments TMP468 Datasheet HTML 28Page - Texas Instruments TMP468 Datasheet HTML 29Page - Texas Instruments TMP468 Datasheet HTML 30Page - Texas Instruments TMP468 Datasheet HTML 31Page - Texas Instruments TMP468 Datasheet HTML 32Page - Texas Instruments TMP468 Datasheet HTML 33Page - Texas Instruments TMP468 Datasheet HTML 34Page - Texas Instruments TMP468 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Processor, FPGA, or ASIC
TMP468
D+
D-
CDIFF
(3)
RS
(2)
RS
(2)
RS
(2)
RS
(2)
PNP Transistor-Connected Configuration
(1)
PNP Diode-Connected Configuration
(1)
Series Resistance
RS
(2)
RS
(2)
NPN Diode-Connected Configuration
(1)
Series Resistance
Series Resistance
RS
(2)
RS
(2)
Integrated PNP Transistor-Connected Configuration
(1)
Internal and PCB
Series Resistance
RS
(2)
RS
(2)
Copyright © 2017, Texas Instruments Incorporated
31
TMP468
www.ti.com
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Application (continued)
Figure 23. TMP468 Remote Transistor Configuration Options
8.2.1 Design Requirements
The TMP468 device is designed to be used with either discrete transistors or substrate transistors built into
processor chips, field programmable gate arrays (FPGAs), and application-specific integrated circuits (ASICs) ;
see Figure 23. Either NPN or PNP transistors can be used, as long as the base-emitter junction is used as the
remote temperature sensor. NPN transistors must be diode-connected. PNP transistors can either be transistor-
or diode-connected (see Figure 23).
Errors in remote temperature sensor readings are typically the consequence of the ideality factor (η-factor) and
current excitation used by the TMP468 device versus the manufacturer-specified operating current for a given
transistor. Some manufacturers specify a high-level and low-level current for the temperature-sensing substrate
transistors. The TMP468 uses 7.5 μA (typical) for ILOW and 120 μA (typical) for IHIGH.
The ideality factor (η-factor) is a measured characteristic of a remote temperature sensor diode as compared to
an ideal diode. The TMP468 allows for different η-factor values; see the η-Factor Correction Register section.
The η-factor for the TMP468 device is trimmed to 1.008. For transistors that have an ideality factor that does not
match the TMP468 device, Equation 4 can be used to calculate the temperature error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com