Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 26Page - Texas Instruments TMP468 Datasheet HTML 27Page - Texas Instruments TMP468 Datasheet HTML 28Page - Texas Instruments TMP468 Datasheet HTML 29Page - Texas Instruments TMP468 Datasheet HTML 30Page - Texas Instruments TMP468 Datasheet HTML 31Page - Texas Instruments TMP468 Datasheet HTML 32Page - Texas Instruments TMP468 Datasheet HTML 33Page - Texas Instruments TMP468 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
D3+
D4+
SCL
SDA
THERM
ADD
V+
THERM2
Two-Wire Interface
SMBus / I
2C Compatible
Controller
D3
C1
D1
D4
C4
B4
TMP468
1.7 V to 3.6 V
C3
B3
D5+
D6+
A2
B2
D1+
D2+
D-
D7+
A1
B1
C2
A3
GND
A4
1.7 V to 3.6 V
D8+
D2
Overtemperature
Shutdown
CBYPASS
CDIFF
CDIFF
CDIFF
CDIFF
CDIFF
CDIFF
CDIFF
RS1
RS2
RS1
RS2
RS2
RS1
RS1
RS2
RS2
RS1
RS2
RS1
RS1
RS2
RSCL
RSDA
RT1
RT2
Copyright © 2017, Texas Instruments Incorporated
30
TMP468
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2 Typical Application
(1)
The diode-connected configuration provides better settling time. The transistor-connected configuration provides
better series resistance cancellation. TI recommends a MMBT3904 or MMBT3906 transistor with an η-factor of 1.008.
(2)
RS (optional) is < 1 kΩ in most applications. RS is the combined series resistance connected externally to the D+, D–
pins. RS selection depends on the application.
(3)
CDIFF (optional) is < 1000 pF in most applications. CDIFF selection depends on the application; see Figure 9.
(4)
Unused diode channels must be tied to D– .as shown for D5+.
Figure 22. TMP468 Basic Connections Using a Discrete Remote Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com