Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 6Page - Texas Instruments TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments TMP468 Datasheet HTML 10Page - Texas Instruments TMP468 Datasheet HTML 11Page - Texas Instruments TMP468 Datasheet HTML 12Page - Texas Instruments TMP468 Datasheet HTML 13Page - Texas Instruments TMP468 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ADC
Oscillator
Voltage
Reference
MUX
Register
Bank
Serial
Interface
Control
Logic
MUX
16 × I
6 × I
I
V+
Local
Thermal
BJT
ADD
SCL
SDA
D1+
D2+
D3+
D5+
D4+
D6+
D7+
D8+
GND
V+
THERM
THERM2
D-
Copyright © 2017, Texas Instruments Incorporated
10
TMP468
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP468 device is a digital temperature sensor that combines a local temperature measurement channel
and eight remote-junction temperature measurement channels in VQFN-16 or DSBGA-16 packages. The device
has a two-wire-interface that is compatible with I2C or SMBus interfaces and includes four pin-programmable bus
address options. The TMP468 is specified over a local device temperature range from –40°C to +125°C. The
TMP468 device also contains multiple registers for programming and holding configuration settings, temperature
limits, and temperature measurement results. The TMP468 pinout includes THERM and THERM2 outputs that
signal overtemperature events based on the settings of temperature limit registers.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com