Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 3 Page - Texas Instruments

  TMP468 Datasheet HTML 1Page - Texas Instruments TMP468 Datasheet HTML 2Page - Texas Instruments TMP468 Datasheet HTML 3Page - Texas Instruments TMP468 Datasheet HTML 4Page - Texas Instruments TMP468 Datasheet HTML 5Page - Texas Instruments TMP468 Datasheet HTML 6Page - Texas Instruments TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
D4+
(D1)
D8+
(D2)
V+
(D3)
SCL
(D4)
D3+
(C1)
D7+
(C2)
THERM2
(C3)
SDA
(C4)
D2+
(B1)
D6+
(B2)
THERM
(B3)
ADD
(B4)
D1+
(A1)
D5+
(A2)
D-
(A3)
GND
(A4)
3
TMP468
www.ti.com
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
TMP468 YFF Package
16-Pin DSBGA
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADD
B4
Digital input
Address select. Connect to GND, V+, SDA, or SCL.
D1+
A1
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D2+
B1
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D3+
C1
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D4+
D1
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D5+
A2
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D6+
B2
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D7+
C2
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D8+
D2
Analog input
Positive connection to remote temperature sensors. A total of 8 remote channels are supported. An
unused channel must be connected to D–.
D–
A3
Analog input
Negative connection to remote temperature sensors. Common for 8 remote channels.
GND
A4
Ground
Supply ground connection
SCL
D4
Digital input
Serial clock line for I2C- or SMBus compatible two-wire interface.
Requires a pullup resistor to a voltage between 1.7 V and 3.6 V (not necessarily V+) if driven by an
open-drain output.
SDA
C4
Bidirectional digital
input/output
Serial data line for I2C or SMBus compatible two-wire interface. Open-drain; requires a pullup resistor
to a voltage between 1.7 V and 3.6 V, not necessarily V+.
THERM
B3
Digital output
Thermal shutdown or fan-control pin.
Active low; open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V, not necessarily
V+. If this pin is not used it may be left open or grounded.
THERM2
C3
Digital output
Second THERM output.
Active low; open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V, not necessarily
V+. If this pin is not used it may be left open or grounded.
V+
D3
Power supply
Positive supply voltage, 1.7 V to 3.6 V; requires 0.1-µF bypass capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com