Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 5Page - Texas Instruments TMP468 Datasheet HTML 6Page - Texas Instruments TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments TMP468 Datasheet HTML 10Page - Texas Instruments TMP468 Datasheet HTML 11Page - Texas Instruments TMP468 Datasheet HTML 12Page - Texas Instruments TMP468 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
V+ Voltage (V)
1.5
2
2.5
3
3.5
4
300
310
320
330
340
350
360
370
380
390
400
V+ Voltage (V)
1.5
2
2.5
3
3.5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Conversion Rate (Hz)
0.05 0.1
1
10
100
0
40
80
120
160
200
240
280
320
360
400
V+ = 1.8 V
V+ = 3.6 V
Frequency (Hz)
0
100
200
300
400
500
600
700
800
1k
10k
100k
1M
10M
V+ = 1.8 V
V+ = 3.6 V
Series Resistance (:)
0
500
1000 1500 2000 2500 3000 3500 4000 4500
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
V+ = 1.8 V
V+ = 3.6 V
Differential Capacitance (nF)
0
2
4
6
8
10
12
14
16
18
20
-40
-35
-30
-25
-20
-15
-10
-5
0
9
TMP468
www.ti.com
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C and V+ = 3.6 V (unless otherwise noted)
No physical capacitance during measurement
Figure 8. Remote Temperature Error vs Series Resistance
No physical series resistance on D+, D– pins during measurement
Figure 9. Remote Temperature Error vs
Differential Capacitance
Figure 10. Quiescent Current vs Conversion Rate °
16 samples per second (default mode)
Figure 11. Shutdown Quiescent Current
vs SCL Clock Frequency
Figure 12. Quiescent Current vs Supply Voltage
(at Default Conversion Rate of 16 Conversions Per Second)
Figure 13. Shutdown Quiescent Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com