Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 24Page - Texas Instruments TMP468 Datasheet HTML 25Page - Texas Instruments TMP468 Datasheet HTML 26Page - Texas Instruments TMP468 Datasheet HTML 27Page - Texas Instruments TMP468 Datasheet HTML 28Page - Texas Instruments TMP468 Datasheet HTML 29Page - Texas Instruments TMP468 Datasheet HTML 30Page - Texas Instruments TMP468 Datasheet HTML 31Page - Texas Instruments TMP468 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
28
TMP468
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.6.1.12 Block Read - Auto Increment Pointer
Block reads can be initiated by setting the pointer register to 80h to 87h. The temperature results are mirrored at
pointer addresses 80h to 88h; temperature results for all the channels can be read with one read transaction.
Setting the pointer register to any address from 80h to 88h signals to the TMP468 device that a block of more
than two bytes must be transmitted before a design stop is issued. In block read mode, the TMP468 device auto
increments the pointer address. After 88h, the pointer resets to 80h. The master must NACK the last byte read
so the TMP468 device can discontinue driving the bus, which allows the master to initiate a stop. In this mode,
the pointer continuously loops in the address range from 80h to 88h, so the register may be easily read multiple
times. Block read does not disrupt the conversion process.
7.6.1.13 Lock Register
Register C4h allows the device configuration and limit registers to lock, as shown by the Lock column in Table 3.
To lock the registers, write 0x5CA6. To unlock the registers, write 0xEB19. When the lock function is enabled,
reading the register yields 0x8000; when unlocked, 0x0000 is transmitted.
7.6.1.14 Manufacturer and Device Identification Plus Revision Registers
The TMP468 device allows the two-wire bus controller to query the device for manufacturer and device
identifications (IDs) to enable software identification of the device at the particular two-wire bus address. The
manufacturer ID is obtained by reading from pointer address FEh; the device ID is obtained from register FFh.
Note that the most significant byte of the Device ID register identifies the TMP468 device revision level. The
TMP468 device reads 0x5449 for the manufacturer code and 0x0468 for the device ID code for the first release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com