Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD57 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
3 / 24
1
Features
The PANdrives™ PD57/60/86-1378 are full mechatronic solutions with state of the art feature set. They
are highly integrated and offer convenient handling via CAN interface. Each PD57/60/86-1378 includes
a stepper motor, driver electronics, and a fully featured hardware motion controller. It can be used in
many decentralized applications and has been designed for 0.55. . . 7 Nm maximum holding torque and
24V DC or 48V DC nominal supply voltage. With the built-in high resolution magnetic encoder and the
advanced ramp geneator chip it is mainly designed for closed-loop operation. With StealthChop™ the
PD57/60/86-1378 offers absolutely silent and smooth motor operation for lower and medium velocities.
With SpreadCycle™, the PD57/60/86-1378 offers a high performance current controlled chopper mode for
highest velocities with perfect zero crossing performance. With StallGuard2™, a sensorless load detection
feature is provided for automatic end step detection and load monitoring. StallGuard2™ is also used
for the automatic current scaling feature CoolStep™. The PD57/60/86-1378 is equipped with a CAN bus
interface and three digital inputs.
1.1
General Features
Main Characteristics
• Supply Voltage +24V or +48V nominal (+10V. . . +52V DC).
• up to 9A RMS phase current (depending on the motor).
• Highest micro step resolution, up to 256 micro steps per full step.
• Available with enclosure and mounted to NEMA23 / 57mm or NEMA24 / 60mm
ange size motor.
• Permanent onboard TMCL program and parameter storage.
• Different kinds of ramps: trapezoidal ramps, six-point ramps and S-shaped ramps.
• Closed loop operation possible.
• Noiseless StealthChop™ chopper mode for slow to medium velocities.
• High performance SpreadCycle™ chopper mode.
• High-precision sensorless load measurement with StallGuard2™.
I/Os
• Home and reference switch inputs.
• Enable input to power-on/-off driver H-bridges.
CAN Bus Interface
• Standard CAN Bus Interface for control and con guration
• CAN bit rate of 20. . . 1000kBit/s
• TMCL™ based protocol with TMCL
rmware option
• CANopen® protocol with DS402 device pro le with CANopen
rmware option
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com