Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD57 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
4 / 24
1.2
TRINAMIC’s Unique Features
1.2.1
stealthChop™
stealthChop is an extremely quiet mode of operation for low and medium velocities. It is based on a voltage
mode PWM. During standstill and at low velocities, the motor is absolutely noiseless. Thus, stealthChop
operated stepper motor applications are very suitable for indoor or home use. The motor operates
absolutely free of vibration at low velocities. With stealthChop, the motor current is applied by driving
a certain effective voltage into the coil, using a voltage mode PWM. There are no more con gurations
required except for the regulation of the PWM voltage to yield the motor target current.
Figure 1: Motor coil sine wave current using stealthChop (measured with current probe)
1.2.2
spreadCycle™
The spreadCycle chopper is a high-precision, hysteresis-based, and simple to use chopper mode, which
automatically determines the optimum length for the fast-decay phase. Several parameters are available to
optimize the chopper to the application. spreadCycle offers optimal zero crossing performance compared
to other current controlled chopper algorithms and thereby allows for highest smoothness. The true target
current is powered into the motor coils.
Figure 2: spreadCycle principle
1.2.3
stallGuard2
stallGuard2 is a high-precision sensorless load measurement using the back EMF of the motor coils. It
can be used for stall detection as well as other uses at loads below those which stall the motor. The
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com