Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
13 / 24
4
Connectors and LEDs
The PD57/60/86-1378 is equipped with three connectors – one eight-pin connector for communication
(CAN) and additional I/O (home switch and stop switches as well as one general purpose output), one-four
pin connector for connecting the motor and one two-pin connector for connecting to the power supply.
Motor + Power
CAN + I/Os
1
4
1
8
Green LED
Red LED
2
1
Figure 12: PD57/60/86-1378 connectors
Overview of connector and mating connector types:
Label
Connector type
Mating connector type
Power connector
JST B2P-VH ( JST VH series, 2pins,
3.96mm pitch)
Connector housing: JST VHR-2N
Contacts: JST SVH-41T-P1.1 Wire:
1.25mm2, AWG 16
CAN and I/O connector
JST
B8B-EH-A
( JST
EH
series,
8pins, 2.5mm pitch)
Connector housing:
JST EHR-
8 Contacts: JST SEH-001T-P0.6
Wire: 0.33mm2, AWG 22
Motor connector
JST B4P-VH ( JST VH series, 4pins,
3.96mm pitch)
Connector housing: JST VHR-4N
Contacts: JST SVH-41T-P1.1 Wire:
1.25mm2, AWG 16
Table 6: Connector and mating connectors
4.1
Power Supply Connector
Pin nu.
Pin name
Description
1
GND
Ground connection
2
+48V
Supply power connection
Table 7: PD57/60/86-1378 Power supply connector pin assigment
4.2
I/O Connector
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com