Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
8 / 24
3.3
PD57/60/86-1378 Motor Parameters
Speci cations
Unit
PD57-1-1378
PD57-2-1378
PD60-3-1378
PD60-4-1378
Step angle
°
1.8
1.8
1.8
1.8
Step angle accuracy
%
+/-5
+/-5
+/-5
+/-5
Ambient temperature
°C
-20. . . +50
-20. . . +50
-20. . . +50
-20. . . +50
Max. motor temperature
°C
80
80
80
80
Shaft radial play (450g load)
mm
0.02
0.02
0.02
0.02
Shaft axial play (450g load)
mm
0.08
0.08
0.08
0.08
Max
radial
force
(20mm
from front
ange)
N
57
57
57
57
Max axial force
N
15
15
15
15
Rated voltage
V
2.0
2.3
3.36
4.17
Rated phase current
A
2.8
2.8
2.8
2.8
Phase resistance at 20°C
Ω
0.7
0.83
1.2
1.5
Phase inductance (typ.)
mH
1.4
2.2
4.6
6.8
Holding torque
Nm
0.55
1.01
2.1
3.1
Insulation class
B
B
B
B
Rotor inertia
g cm2
120
275
570
840
Weight
kg
0.45
0.65
1.2
1.4
Table 4: NEMA23 / 57mm and NEMA24 / 60mm stepper motor technical data
Speci cations
Unit
PD60-4H-1378
PD86-3-1378
Step angle
°
1.8
1.8
Step angle accuracy
+/-5
+/-5
+/-5
Ambient temperature
°C
-20. . . +50
-20. . . +50
Max. motor temperature
°C
80
80
Shaft radial play (450g load)
mm
0.02
0.02
Shaft axial play (450g load)
mm
0.08
0.08
Max
radial
force
(20mm
from front
ange)
N
57
220
Max axial force
N
15
60
Rated voltage
V
2.1
2.56
Rated phase current
A
9
5.5
Phase resistance at 20°C
Ω
0.15
0.45
Phase inductance (typ.)
mH
0.6
4.5
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com