Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 19 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 19 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
19 / 24
6.4
Functional Characteristics
Parameter
Description / Value
Control
CAN bus interface and four digital inputs for referencing, incremental encoder,
and NOT_ENABLE
Communication
CAN bus interface for control and con guration, 20. . . 1000kBit/s
Driving Mode
SpreadCycle™, StealthChop™, and constant Toff chopper, adaptive current con-
trol via StallGuard2™ and coolstep
Stepping Resolution
Full, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256 step
Table 14: Functional Characteristics
6.5
Other Requirements
Speci cations
Description or Value
Cooling
Free air
Working environment
Avoid dust, water, oil mist and corrosive gases, no condensation, no frosting
Working temperature
-20° C to +50° C
Table 15: Other Requirements and Characteristics
7
Abbreviations used in this Manual
Abbreviation
Description
CAN
Controller Area Network
IDE
Integrated Development Environment
LED
Light Emmitting Diode
RMS
Root Mean Square value
TMCL
TRINAMIC Motion Control Language
TTL
Transistor Transistor Logic
UART
Universal Asynchronous Receiver Transmitter
USB
Universal Serial Bus
Table 16: Abbreviations used in this Manual
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com