Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 18 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 18 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
18 / 24
6
Operational Ratings and Characteristics
6.1
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply voltage
+10
+52
V
Working temperature
-20
+50
° C
Motor coil current / sine wave peak
12.7
A
Continuous motor current (RMS)
9.0
A
NOTICE
Stresses above those listed under "‘Absolute Maximum Ratings"’ may cause per-
manent damage to the device. This is a stress rating only and functional operation
of the device at those or any other conditions above those indicated in the op-
eration listings of this speci cation is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
6.2
Electrical Characteristics (Ambient Temperature 25° C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V DD
10
24 or 48
52
V
Motor coil current / sine wave peak (chopper regu-
lated, adjustable via TTL UART interface)
ICOILpeak
0
12.7
A
Continuous motor current (RMS)
ICOILRMS
0
9.0
A
Power supply current
IDD
ICOIL
1.4
∗ICOIL
A
Table 12: Electrical Characteristics
6.3
I/O Ratings (Ambient Temperature 25° C)
Parameter
Symbol
Min
Typ
Max
Unit
Input voltage
VIN
5
5.5
V
Low level voltage
VL
0
1.5
V
High level voltage
VH
3.5
5
V
Voltage at open drain output GPO (switched off)
VOUT 0
0
+30
V
Output sink current of open drain output GPO (switched on)
IOUT 0
0
100
mA
Table 13: I/O ratings
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com