Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60/86-1378 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PD57/60/86-1378 Hardware Manual • Hardware Version V1.10 | Document Revision V1.21 • 2020-APR-24
7 / 24
3
Mechanical and Electrical Interfacing
3.1
PD57/60/86-1378 Dimensions
The PD57/60/86-1378 includes the TMCM-1378 stepper motor controller/driver module (electronics +
encapsulating enclosure) and a NEMA23 / 57mm
ange size, NEMA24 / 60mm
ange size or NEMA34 /
86mm
ange size bipolar stepper motor. Currently, there is a choice between two NEMA23 / 57mm
ange
size, three NEMA24 / 60mm
ange size and one NEMA34 / 86mm
ange size stepper motors with different
lengths and different holding torques. The stepper motors are rated for coil currents between 2.8A RMS
and 9A RMS - perfectly
tting to the TMCM-1378 electronics.
The dimensions of the controller/driver unit are approx. 60mm x 60mm x 24.5mm (TMCM-1378 electronics
+ encapsulating enclosure). There are four mounting holes for M3 screws for mounting the PD57/60/86-
1378. These mounting holes are located in the bottom / base plate and accessible after removing the top
cover (see 5, right
gure, mounting holes marked red). Two of them at opposite positions can be used for
mounting the module to the backside of our NEMA23 stepper motors (screw/thread length depends on
motor size). The other two can be used for mounting the module to the backside of our NEMA24 stepper
motors (screw/thread length depends on motor size).
Figure 5: PD57/60/86-1378 all dimensions in mm
3.2
PD57/60/86-1378 Dimensions and Weight
When mounted to the stepper motor the overall size of the PANdrive is the housing height plus motor
body size.
Order Code
Length
in mm
Weight in g
PD57-1-1378
65
≈ 520
PD57-2-1378
75
≈ 720
PD60-3-1378
89
≈ 1270
PD60-4-1378
110
≈ 1470
PD60-4H-1378
110
≈ 1470
PD86-3-1378
120
≈ 1470
Table 3: Length and weight
©2020 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com