| Electronic Components Datasheet Search |
|
PCI12000C Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PCI12000C Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 38 page ![]() 2025 Microchip Technology Inc. and its subsidiaries DS00006235A-page 21 PCI12000C SPI_CTRL0_CE4_N SPI Controller 0 Chip Enable 4 This is an active low SPI chip enable output 4. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI_CTRL0_CE5_N SPI Controller 0 Chip Enable 5 This is an active low SPI chip enable output 5. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI Controller Interface 1 Functions SPI_CTRL1_CLK SPI Controller 1 Clock This is the SPI clock output from the SPI controller. If the SPI interface is enabled, this pin must be driven low during reset. SPI_CTRL1_DO SPI Controller 1 Data Out This is the data out for the SPI port when configured for SPI operation (MOSI). SPI_CTRL1_DI SPI Controller 1 Data In This is the SPI data in to the controller from the SPI controller (MISO). This pin must have a weak pull-down applied at all times to prevent floating if configured for SPI opera- tion. SPI_CTRL1_CE0_N SPI Controller 1 Chip Enable 0 This is an active low SPI chip enable output 0. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI_CTRL1_CE1_N SPI Controller 1 Chip Enable 1 This is an active low SPI chip enable output 1. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI_CTRL1_CE2_N SPI Controller 1 Chip Enable 2 This is an active low SPI chip enable output 2. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI_CTRL1_CE3_N SPI Controller 1 Chip Enable 3 This is an active low SPI chip enable output 3. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI_CTRL1_CE4_N SPI Controller 1 Chip Enable 4 This is an active low SPI chip enable output 4. If the SPI interface is enabled, this pin must be pulled high in power-down states. SPI_CTRL1_CE5_N SPI Controller 1 Chip Enable 5 This is an active low SPI chip enable output 5. If the SPI interface is enabled, this pin must be pulled high in power-down states. TABLE 3-4: PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED) Programmable Function Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |