Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 1 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 1 Page - Microchip Technology

  PCI12000C Datasheet HTML 1Page - Microchip Technology PCI12000C Datasheet HTML 2Page - Microchip Technology PCI12000C Datasheet HTML 3Page - Microchip Technology PCI12000C Datasheet HTML 4Page - Microchip Technology PCI12000C Datasheet HTML 5Page - Microchip Technology PCI12000C Datasheet HTML 6Page - Microchip Technology PCI12000C Datasheet HTML 7Page - Microchip Technology PCI12000C Datasheet HTML 8Page - Microchip Technology PCI12000C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 1
Highlights
• PCIe (8GT/s) switch fabric
• Two 1-lane PCIe (8 GT/s) expansion ports
• I/O Multiplexer (SMBus/SPI/UART/GPIO)
Target Applications
• Industrial PCs (PCIe 3.1 with 2 downstream ports)
Features
• Integrated PCI switching fabric
- 512 byte maximum payload size
• Integrated PCIe physical interfaces
- 2-lane (2x 8 GT/s) upstream port
- Two 1-lane (1x 8 GT/s) downstream ports
• Two external power supplies: +3.3V and +1.1V
• Comprehensive power management features
- PCIe 3.1 LPSS (Low Power Sub States):
L2 (with aux. power supply)
LPSS L1.1 (snooze), L1.2 (off)
• Power and I/O
- Integrated power-on reset circuit with configurable
under/over-voltage protection
- Latch-up performance exceeds 150 mA per
EIA/JESD78, Class II
- JEDEC Class 2 ESD performance
• UARTs
- RS232/RS422/RS485
- Auto-direction control
- Standard and advanced speed support
- Basic or comprehensive signal support
• Additional features
- Multifunction GPIOs
- Programmable pin multiplexer
- Ability to use low-cost 25 MHz crystal or clock
for reduced BOM
- PCIe Precision Time Measurement (PTM)
- Support for Common Reference Clock and
Separate Reference Clocks (SRNS and SRIS)
- SPI peripheral interface
- SMBus target interface
- SMBus controller interface
- JTAG TAP
- PVT sensor
• Packaging
- Pb-free RoHS compliant 72-pin VQFN package
• Environmental
- Available in industrial, AEC-Q100 Grade 3, and
AEC-Q100 Grade 2 temperature ranges
This document is a truncated version of the full
PCI12000C datasheet. The comprehensive ver-
sion may be obtained by contacting your Microchip
sales representative.
PCI12000C
3-Port PCIe Switch with Integrated Programmable I/O


Similar Part No. - PCI12000C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1210GGU TI1-PCI1210GGU Datasheet
2Mb / 128P
PCI1210 GGU/PGE PC CARD CONTROLLERS
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1211GGU TI-PCI1211GGU Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1211PGE TI-PCI1211PGE Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1221 TI-PCI1221 Datasheet
1Mb / 123P
PC CARD CONTROLLERS
More results

Similar Description - PCI12000C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSX532 FAIRCHILD-MSX532 Datasheet
677Kb / 36P
532 Port Digital Crosspoint Switch with LVTTL I/O?셲
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
SMBus I/O port with interrupt
logo
PLX Technology
PEX8712 PLX-PEX8712 Datasheet
469Kb / 5P
12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PEX8713 PLX-PEX8713 Datasheet
688Kb / 5P
12-lane, 10-port PCIe Gen 3 switch
PEX8716 PLX-PEX8716 Datasheet
436Kb / 5P
16-lane, 4-port PCIe Gen 3 switch
PEX8717 PLX-PEX8717 Datasheet
716Kb / 5P
16-lane, 10-port PCIe Gen 3 switch
PEX8724 PLX-PEX8724 Datasheet
337Kb / 5P
24-lane, 6-port PCIe Gen 3 switch
PEX8732 PLX-PEX8732 Datasheet
719Kb / 5P
32-lane, 8-port PCIe Gen 3 switch
logo
Moxa Inc.
E1200 MOXA-E1200 Datasheet
2Mb / 9P
Ethernet remote I/O with 2-port Ethernet switch
logo
Renesas Technology Corp
89HPES32T8G2 RENESAS-89HPES32T8G2 Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com