Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 29 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 29 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 25Page - Microchip Technology PCI12000C Datasheet HTML 26Page - Microchip Technology PCI12000C Datasheet HTML 27Page - Microchip Technology PCI12000C Datasheet HTML 28Page - Microchip Technology PCI12000C Datasheet HTML 29Page - Microchip Technology PCI12000C Datasheet HTML 30Page - Microchip Technology PCI12000C Datasheet HTML 31Page - Microchip Technology PCI12000C Datasheet HTML 32Page - Microchip Technology PCI12000C Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 29
PCI12000C
Note 4-3: 30, 20, 15, 12, 10 or 2 MHz, depending on the mode of operation.
FIGURE 4-2:
SPI CONTROLLER TIMING
TABLE 4-3:
SPI CONTROLLER TIMING
Symbol
Description
Min
Typ
Max
Unit
tfc
Clock frequency
—
—
Note 4-3
MHz
tceh
Chip enable (
SPI_CTRL[0:1]_CE[0:6]_N) high time
100
—
—
ns
tclq
Clock to input data
—
—
13
ns
tdh
Input data hold time
0
—
—
ns
tos
Output setup time
5
—
—
ns
toh
Output hold time
5
—
—
ns
tov
Clock to output valid
4
—
—
ns
tcel
Chip enable (
SPI_CTRL[0:1]_CE[0:6]_N) low to first clock
12
—
—
ns
tceh
Last clock to chip enable (
SPI_CTRL[0:1]_CE[0:6]_N) high
12
—
—
ns
SPI_CTRL[0:1]_CLK
SPI_CTRL[0:1]_DI
SPI_CTRL[0:1]_DO
SPI_CTRL[0:1]_CE[0:6]_N
tcel
tfc
Output
data valid
tclq
tceh
tdh
toh
tos
tov
toh
Output
data valid
Input
data valid
tceh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com