Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 13 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 13 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 9Page - Microchip Technology PCI12000C Datasheet HTML 10Page - Microchip Technology PCI12000C Datasheet HTML 11Page - Microchip Technology PCI12000C Datasheet HTML 12Page - Microchip Technology PCI12000C Datasheet HTML 13Page - Microchip Technology PCI12000C Datasheet HTML 14Page - Microchip Technology PCI12000C Datasheet HTML 15Page - Microchip Technology PCI12000C Datasheet HTML 16Page - Microchip Technology PCI12000C Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 13
PCI12000C
PCIe RX-
Lane 0 Port 1
PCIE_RXM_L0_P1
I/O-P
Downstream PCIe Port 1 Lane 0 RX-
PCIe Port 2 (Upstream/Downstream) Pins
PCIe TX+
Lane 0 Port 2
PCIE_TXP_L0_P2
I/O-P
Upstream/Downstream PCIe Port 2 Lane 0 TX+
PCIe TX-
Lane 0 Port 2
PCIE_TXM_L0_P2
I/O-P
Upstream/Downstream PCIe Port 2 Lane 0 TX-
PCIe RX+
Lane 0 Port 2
PCIE_RXP_L0_P2
I/O-P
Upstream/Downstream PCIe Port 2 Lane 0 RX+
PCIe RX-
Lane 0 Port 2
PCIE_RXM_L0_P2
I/O-P
Upstream/Downstream PCIe Port 2 Lane 0 RX-
Programmable Function Pins
Programmable
Pins 29-33
PROG[29:33]
VIS/
VO_V10/
VOD_V10
DB
Programmable pins 29-33.
Refer to Section 3.3, "Programmable Function Pins"
for additional information.
Programmable
Pins 64-72
PROG[64:72]
VIS/
VO_V10/
VOD_V10
DB
Programmable pins 64-72.
Refer to Section 3.3, "Programmable Function Pins"
for additional information.
Programmable
Pins 75-78
PROG[75:78]
IS/O_V10/
OD_V10
DB
Programmable pins 75-78.
Refer to Section 3.3, "Programmable Function Pins"
for additional information.
Miscellaneous Pins
Reset Input
RESET_N
IS
This active low signal is used by the system to reset
the chip. The active low pulse should be at least 1 µs
wide.
25 MHz
Crystal/Clock
Input
XTALI/CLK_IN
ICLK
25 MHz crystal or external clock input.
This pin can be connected to one terminal of the
crystal. The device may alternatively be driven by a
single-ended clock oscillator. When this method is
used,
XTALO should be left unconnected.
25 MHz
Crystal Output
XTALO
OCLK
25 MHz crystal output.
Test Enable
TESTEN
I
This pin is used to enter test mode (JTAG) and is
read during the negation of reset.
1: Test Mode enabled
0: Test Mode disabled
Note: This pin should be pulled down to ground for
normal operation.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com