Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 7 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 7 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 3Page - Microchip Technology PCI12000C Datasheet HTML 4Page - Microchip Technology PCI12000C Datasheet HTML 5Page - Microchip Technology PCI12000C Datasheet HTML 6Page - Microchip Technology PCI12000C Datasheet HTML 7Page - Microchip Technology PCI12000C Datasheet HTML 8Page - Microchip Technology PCI12000C Datasheet HTML 9Page - Microchip Technology PCI12000C Datasheet HTML 10Page - Microchip Technology PCI12000C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 7
PCI12000C
1.4
Reference Documents
TABLE 1-4:
REFERENCE DOCUMENTS
Reference
Document Name
Revision/Version
Date
[ACPI]
Advance Configuration and Power Interface (ACPI) Specification.
https://uefi.org/sites/default/files/resources/ACPI_6_3_May16.pdf
6.3
2019-01
[AEC-Q100-002E]
AEC - Q100-002, Human Body Model Electrostatic Discharge Test.
http://www.aecouncil.com/Documents/AEC_Q100-002E.pdf
E
August 20, 2013
[AEC-Q100-003E]
AEC - Q100-003, Machine Model (MM) Electrostatic Discharge Test
(decommissioned specification).
http://www.aecouncil.com/AECDocuments.html
E
[AEC-Q100-011C1]
AEC - Q100-011, Charged Device Model (CDM) Electrostatic Discharge Test.
http://www.aecouncil.com/Documents/AEC_Q100-011C1.pdf
C1
2013-03-12
[AN4255]
AN4255 PCI12000/PCI11xxx Register Map
Contact your Microchip representative for more information.
Rev. A
(02-21-22)
[ASME-Y14.5M]
ASME Y14.5M-2018, Dimensioning and Tolerancing.
https://www.asme.org/products/codes-standards/y145-2018-dimensioning-and-
tolerancing
14.5-2018
[I2CBus]
I2C bus specification and user manual.
https://www.nxp.com/docs/en/user-guide/UM10204.pdf
V.6
2014-04-04
[I2SBus]
I2S bus specification.
https://web.archive.org/web/20070102004400/http://www.nxp.com/acrobat_download/
various/I2SBUS.pdf
N/A
1996-06-05
[IEC61000-4-2]
IEC 61000-4-2:2008, Electromagnetic Compatibility (EMC) - Part 4-2: Testing
and measurement techniques - Electrostatic discharge immunity test.
https://webstore.iec.ch/publication/4189
2.0
2008-12-09
[JEP106]
JEDEC Standard, JEP106, Standard Manufacturer’s Identification Code.
https://www.jedec.org/system/files/docs/JEP106BB.pdf
BB
2020-06
[JESD22-A115C]
JEDEC, JESD22-A114F, Electrostatic Discharge (ESD) Sensitivity Testing
Human Body Model (HBM).
https://www.jedec.org/sites/default/files/docs/22A115C_0.pdf
5C
2010-11
[JESD78D]
JEDEC, IC Latch-Up Test, JESD78D.
https://www.jedec.org/sites/default/files/docs/JESD78D.pdf
D
2011-11
[JS-001-2017]
ANSI/ESDA/JEDEC JS-001-2017, for Electrostatic Discharge Sensitivity Testing,
Human Body Model (HBM) - Component Level.
https://www.jedec.org/system/files/docs/JS-001-2017.pdf
2017-05-12
[JS-002-2014]
ANSI/ESDA/JEDEC JS-002-2014, for Electrostatic Discharge Sensitivity Testing,
Charged Device Model (CDM) - Device Level.
https://www.jedec.org/system/files/docs/JS-002-2014.pdf
2015-04-07
[M.2]
PCI Express M.2 Specification.
https://pcisig.com/specifications/pciexpress/
Rev 3.0 v1.2
2019-06-26
[PCICode]
PCI Code and ID Assignment Specification.
https://pcisig.com/specifications/pciexpress/
Rev 1.11
2019-01-24
[PCIHotPlug]
PCI Hot-Plug Specification.
https://pcisig.com/specifications/pciexpress/
1.1
2001-06-20
[PCIe3.1a]
PCI Express Base Specification Revision 3.1a.
https://pcisig.com/specifications/pciexpress/
R3.1a
2015-12-07
[PCIe4]
PCI Express Base Specification Revision 4.0.
https://pcisig.com/specifications/pciexpress/
R4.0, V1.0
2017-09-27
[PCIe5]
PCI Express Base Specification Revision 5.0.
https://pcisig.com/specifications/pciexpress/
R5.0 V1.0
2019-05-22
[SMBus2]
System Management Bus (SMBus) Specification.
http://www.smbus.org/specs/smbus20.pdf
2.0
2000-08-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com