Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 3 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 3 Page - Microchip Technology

  PCI12000C Datasheet HTML 1Page - Microchip Technology PCI12000C Datasheet HTML 2Page - Microchip Technology PCI12000C Datasheet HTML 3Page - Microchip Technology PCI12000C Datasheet HTML 4Page - Microchip Technology PCI12000C Datasheet HTML 5Page - Microchip Technology PCI12000C Datasheet HTML 6Page - Microchip Technology PCI12000C Datasheet HTML 7Page - Microchip Technology PCI12000C Datasheet HTML 8Page - Microchip Technology PCI12000C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 3
PCI12000C
1.0
PREFACE
• Section 1.1, "General Terms"
• Section 1.2, "Buffer Types"
• Section 1.3, "Pin Reset States"
• Section 1.4, "Reference Documents"
1.1
General Terms
TABLE 1-1:
GENERAL TERMS
Term
Description
AFE
Analogue Front End (AFE)
Bandwidth
Bandwidth is defined as the rate of data transfer, bit rate or throughput.
CC
CC is an abbreviation for Configuration Channel. This is used in the discovery, configuration and
management of connections across a cable.
CDM
CDM is an abbreviation for Charge Device Model. This is a Model of ESD caused by mechanical
handling. See [JS-002-2014].
Completion
In PCIe Completion refers to the Packet used to terminate, or to partially terminate, a transaction
sequence. A Completion always corresponds to a preceding Request, and, in some cases,
includes data.
See [PCIe5].
Configuration Request Retry
Status
For PCI Configuration Requests only, following reset it is possible for a device to terminate the
request but indicate that it is temporarily unable to process the Request, but will be able to
process the PCI Configuration Request in the future - in this case, the Configuration Request
Retry Status (CRS) Completion Status is used.
See [PCIe5].
Configuration Space
One of the four address spaces within the PCI Express architecture. Packets with a
Configuration Space address are used to configure Physical Functions.
See [PCIe5].
CPU
CPU is an abbreviation for Central Processing Unit. This is the main processor for the system.
Note: In this case, the CPU is located on the Host system and not in the device itself which
has no CPU.
CRS
CRS is an abbreviation for Configuration Request Retry Status.
DFP
DFP is an abbreviation for Downward Facing Port. This is a Port typically used to connect
devices/peripherals (e.g. for USB or PCIe).
Debouncer
A Debouncer is a piece of hardware where the signal is passed through if it is stable for longer
than a Debouncer period.
Direct Memory Access
Direct Memory Access is a feature of computer systems that allows certain hardware
subsystems to access main system memory (RAM) independently of the central processing unit
(CPU). With DMA, the CPU first initiates the transfer, then it does other operations while the
transfer is in progress, and it finally receives an interrupt from the DMA Controller (DMAC) when
the operation is done.
DMA
DMA is an abbreviation for Direct Memory Access.
DMAC
DMAC is an abbreviation for DMA Controller.
DMA Controller
A DMA Controller is a hardware device that allows I/O devices to directly access memory with
less participation from the processor.
EEPROM
EEPROM is an abbreviation for Electrically Erasable Programmable Read-only Memory.
EEPROM I²C Controller
The EEPROM I²C Controller is used to read and write EEPROMs via I²C.
ESD
ESD is an abbreviation for Electro-static Discharge.
FET
FET is an abbreviation for Field Effect Transistor. This is typically used to switch on/off power.
GPIO
GPIO is an abbreviation for General Programmable I/O. It is used to refer to PIO accessible
externally to the part. Since there is no internal PIO used in the device the terms PIO and GPIO
have been used interchangeably.
HBM
HBM is an abbreviation for Human Body Model. The HBM simulates ESD from humans. See
[JESD22-A115C].
Hot-Plug
In PCI Hot-Plug is the insertion and removal of add-in cards without powering down the Platform
or restarting the operating system from a specific Hot-Plug slot.
See [PCIHotPlug].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com