Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 22 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 22 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 18Page - Microchip Technology PCI12000C Datasheet HTML 19Page - Microchip Technology PCI12000C Datasheet HTML 20Page - Microchip Technology PCI12000C Datasheet HTML 21Page - Microchip Technology PCI12000C Datasheet HTML 22Page - Microchip Technology PCI12000C Datasheet HTML 23Page - Microchip Technology PCI12000C Datasheet HTML 24Page - Microchip Technology PCI12000C Datasheet HTML 25Page - Microchip Technology PCI12000C Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 22
PCI12000C
SPI_CTRL1_CE6_N
SPI Controller 1 Chip Enable 6
This is an active low SPI chip enable output 6. If the SPI interface is enabled, this pin
must be pulled high in power-down states.
SMBus Controller Functions
SMBUS_CTLR_SCL
SMBus Controller 1 MHz Clock
SMBUS_CTLR_SDA
SMBus Controller Data
This pin enables an internal pull-down (PD).
SMBUS_CTL-
R_ALERT_N
SMBus Controller Alert
This pin enables a Debouncer (DB).
SMBus Target Functions
SMBUS_TGT_SCL
SMBus Target Clock
SMBUS_TGT_SDA
SMBus Target Data
This pin enables an internal pull-down (PD).
SMBUS_T-
GT_ALERT_N
SMBus Target Alert
UART0 Functions
UART0_TXD
UART0 Transmit Data
UART0_RXD
UART0 Receive Data
UART0_RTS_N
UART0 Ready To Send
UART0_CTS_N
UART0 Clear To Send
UART0_DTR_N
UART0 Data Terminal Ready
UART0_DSR_N
UART0 Data Set Ready
UART0_DCD_N
UART0 Data Carrier Detect
UART0_RI_N
UART0 Ring Indicator
UART0_WAKE_N
UART0 Wake
Out-of-band signaling used to wake up the platform. This signal is open drain, active low,
and enables a Debouncer (DB). A pull-up is required on the host side (100 kΩ recom-
mended).
UART1 Functions
UART1_TXD
UART1 Transmit Data
UART1_RXD
UART1 Receive Data
UART1_RTS_N
UART1 Ready To Send
TABLE 3-4:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Programmable
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com