Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 12 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 12 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 8Page - Microchip Technology PCI12000C Datasheet HTML 9Page - Microchip Technology PCI12000C Datasheet HTML 10Page - Microchip Technology PCI12000C Datasheet HTML 11Page - Microchip Technology PCI12000C Datasheet HTML 12Page - Microchip Technology PCI12000C Datasheet HTML 13Page - Microchip Technology PCI12000C Datasheet HTML 14Page - Microchip Technology PCI12000C Datasheet HTML 15Page - Microchip Technology PCI12000C Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 12
PCI12000C
3.1
Pin Descriptions
TABLE 3-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer Type
Description
PCIe Common Pins
PCIe REFCLK+
Input
PCIE_REFCLK_IN_P
LVDS
Common PCIe REFCLK+ input from host
PCIe REFCLK-
Input
PCIE_REFCLK_IN_M
LVDS
Common PCIe REFCLK- input from host
PCIe Reset#
Input
PCIE_PERST_N
IS
Power and Clock Good Indication
The PERST# signal indicated that both PCIe power
and clock are available.
This active low signal is used by the system to reset
the chip. The active low pulse should be at least 1 µs
wide.
Note: When the device is powered down, this pin is
isolated from the PCIe bus and does not pres-
ent any significant loading or provide any
drive.
PCIe Port 0 (Upstream) Pins
PCIe TX+
Lane 0 Port 0
PCIE_TXP_L0_P0
I/O-P
Upstream PCIe Port 0 Lane 0 TX+
PCIe TX-
Lane 0 Port 0
PCIE_TXM_L0_P0
I/O-P
Upstream PCIe Port 0 Lane 0 TX-
PCIe RX+
Lane 0 Port 0
PCIE_RXP_L0_P0
I/O-P
Upstream PCIe Port 0 Lane 0 RX+
PCIe RX-
Lane 0 Port 0
PCIE_RXM_L0_P0
I/O-P
Upstream PCIe Port 0 Lane 0 RX-
PCIe TX+
Lane 1 Port 0
PCIE_TXP_L1_P0
I/O-P
Upstream PCIe Port 0 Lane 1 TX+
PCIe TX-
Lane 1 Port 0
PCIE_TXM_L1_P0
I/O-P
Upstream PCIe Port 0 Lane 1 TX-
PCIe RX+
Lane 1 Port 0
PCIE_RXP_L1_P0
I/O-P
Upstream PCIe Port 0 Lane 1 RX+
PCIe RX-
Lane 1 Port 0
PCIE_RXM_L1_P0
I/O-P
Upstream PCIe Port 0 Lane 1 RX-
PCIe Port 1 (Downstream) Pins
PCIe TX+
Lane 0 Port 1
PCIE_TXP_L0_P1
I/O-P
Downstream PCIe Port 1 Lane 0 TX+
PCIe TX-
Lane 0 Port 1
PCIE_TXM_L0_P1
I/O-P
Downstream PCIe Port 1 Lane 0 TX-
PCIe RX+
Lane 0 Port 1
PCIE_RXP_L0_P1
I/O-P
Downstream PCIe Port 1 Lane 0 RX+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com