Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 14 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 14 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 10Page - Microchip Technology PCI12000C Datasheet HTML 11Page - Microchip Technology PCI12000C Datasheet HTML 12Page - Microchip Technology PCI12000C Datasheet HTML 13Page - Microchip Technology PCI12000C Datasheet HTML 14Page - Microchip Technology PCI12000C Datasheet HTML 15Page - Microchip Technology PCI12000C Datasheet HTML 16Page - Microchip Technology PCI12000C Datasheet HTML 17Page - Microchip Technology PCI12000C Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 14
PCI12000C
Configuration Strap Pins
EEPROM
Configuration
Strap
EEPROM_STRAP
I
This configuration strap defines whether a device
configuration should be read from EEPROM. See
Note 3-1. Refer to Section 3.2, "Configuration
Straps" for additional information.
Note: When enabled, the EEPROM interface must
also be enabled via the
PROGxx pins. Refer
to Section 3.3, "Programmable Function Pins"
for additional information.
Serial Interface
Configuration
Strap
SERIAL_SEL_STRAP
I
This configuration strap defines whether a configura-
tion will be written via a serial interface (SMBus or
SPI). See Note 3-1. Refer to Section 3.2, "Configura-
tion Straps" for additional information.
Note: When enabled, the SMBus or SPI interface
must be also enabled via the
PROGxx pins.
Refer to Section 3.3, "Programmable Function
Pins" for additional information.
SMBus
SCL Pull-Up
Configuration
Strap
SMBUS_SCL_PU
I
This configuration strap defines whether an external
pull-up on the SCL line is used for normal operation
(typically 10 kΩ). When the
SERIAL_SEL_STRAP is
present, this pull-up is used together with the
SMBUS_SDA_PU to determine whether SMBus or
SPI has been configured as the serial configuration
mechanism. See Note 3-1. Refer to Section 3.2,
"Configuration Straps" for additional information.
Note: When both SMBUS_SDA_PU and SMBUS_S-
CL_PU are present, the SMBus interface
must also be enabled via the
PROGxx pins.
Otherwise, the SPI interface must be enabled
via the
PROGxx pins. Refer to Section 3.3,
"Programmable Function Pins" for additional
information.
SMBus
SDA Pull-Up
Configuration
Strap
SMBUS_SDA_PU
I
This configuration strap defines whether an external
pull-up on the SDA line is used for normal operation
(typically 10 kΩ). When the
SERIAL_SEL_STRAP is
present, this pull-up is used together with the
SMBUS_SCL_PU to determine whether SMBus or
SPI has been configured as the serial configuration
mechanism. See Note 3-1. Refer to Section 3.2,
"Configuration Straps" for additional information.
Note: When both SMBUS_SDA_PU and SMBUS_S-
CL_PU are present, the SMBus interface
must also be enabled via the
PROGxx pins.
Otherwise, the SPI interface must be enabled
via the
PROGxx pins. Refer to Section 3.3,
"Programmable Function Pins" for additional
information.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com