Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 30 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 30 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 26Page - Microchip Technology PCI12000C Datasheet HTML 27Page - Microchip Technology PCI12000C Datasheet HTML 28Page - Microchip Technology PCI12000C Datasheet HTML 29Page - Microchip Technology PCI12000C Datasheet HTML 30Page - Microchip Technology PCI12000C Datasheet HTML 31Page - Microchip Technology PCI12000C Datasheet HTML 32Page - Microchip Technology PCI12000C Datasheet HTML 33Page - Microchip Technology PCI12000C Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 30
PCI12000C
4.5
Clock Specifications
The device can accept either a 25 MHz crystal or a 25 MHz single-ended clock oscillator input. If the single-ended clock
oscillator method is implemented,
XTALO should be left unconnected and XTALI/CLK_IN should be driven with a
nominal 0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(
XTALI/XTALO). The following circuit design (Figure 4-3) is required to ensure proper operation.
4.5.1
EXTERNAL REFERENCE CLOCK (
CLK_IN)
When using an external reference clock, the following clock characteristics are required:
• 25 MHz
• 50% duty cycle ±10%, 25 MHz ±300 ppm
• Jitter < 100 ps pk-pk
4.5.1.1
TX Ref Clocks
The TXREFCLKP/N is an LVDS-based receiver, operating in a VDDHV (2.5V...3.3V) domain.
It has a built in, trimmable 100Ω termination, but does not include any common-mode VCM generation, so it's suitable
for DC-coupling. In the case of AC-coupling you will have to add resistors on the board to set the proper VCM outside
of the chip.
This receiver can operate with the VCM ranging from 0.2V to (VDDHV-0.2V), with at least 100 mVpp of input swing,
regardless of AC vs DC coupling. There is no maximum swing specification, but the pins should not exceed the
VDDDHV level by more than 300 mV, to avoid leakage through ESD up diodes.
If the host/clock generator output is in HCSL format, then the clock does not need any LVDS conversion or common
mode biasing using a resistor; you can directly connect the HCSL clock source to the
REFCLK pin.
This LVDS RX does not have a build in hysteresis.
FIGURE 4-3:
25 MHZ CRYSTAL CIRCUIT
PCI12000C
XTALO
XTALI
Y1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com