Electronic Components Datasheet Search
  English  ▼

X  

PCI12000C Datasheet(PDF) 17 Page - Microchip Technology

Part # PCI12000C
Description  3-Port PCIe Switch with Integrated Programmable I/O
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI12000C Datasheet(HTML) 17 Page - Microchip Technology

Back Button PCI12000C Datasheet HTML 13Page - Microchip Technology PCI12000C Datasheet HTML 14Page - Microchip Technology PCI12000C Datasheet HTML 15Page - Microchip Technology PCI12000C Datasheet HTML 16Page - Microchip Technology PCI12000C Datasheet HTML 17Page - Microchip Technology PCI12000C Datasheet HTML 18Page - Microchip Technology PCI12000C Datasheet HTML 19Page - Microchip Technology PCI12000C Datasheet HTML 20Page - Microchip Technology PCI12000C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006235A-page 17
PCI12000C
3.2
Configuration Straps
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(
RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps.
3.2.1
EEPROM CONFIGURATION STRAP (
EEPROM_STRAP)
The
EEPROM_STRAP configuration strap is used to define whether a device configuration should be read from
EEPROM.
3.2.2
SERIAL CONFIGURATION STRAP (
SERIAL_SEL_STRAP)
The
SERIAL_SEL_STRAP configuration strap is used to define whether a configuration will be written via a serial inter-
face (SMBus or SPI).
3.2.3
SMBUS SCL PULL-UP CONFIGURATION STRAP (
SMBUS_SCL_PU)
The
SMBUS_SCL_PU configuration strap is used to define whether an external pull-up on the SCL line is used for nor-
mal operation (typically 10 kΩ). When the
SERIAL_SEL_STRAP is present, this pull-up is used together with the
SMBUS_SDA_PU to determine whether SMBus or SPI has been configured as the serial configuration mechanism.
3.2.4
SMBUS SDA PULL-UP CONFIGURATION STRAP (
SMBUS_SDA_PU)
The
SMBUS_SDA_PU configuration strap is used to define whether an external pull-up on the SDA line is used for nor-
mal operation (typically 10 kΩ). When the
SERIAL_SEL_STRAP is present, this pull-up is used together with the
SMBUS_SCL_PU to determine whether SMBus or SPI has been configured as the serial configuration mechanism.
Note: The system designer must ensure that configuration straps meet the timing requirements specified in the
device data sheet. If configuration straps are not at the correct voltage level prior to being latched, the device
may capture incorrect strap values.
Note: When enabled, the EEPROM interface must also be enabled via the PROGxx pins.
Note: When enabled, the SMBus or SPI interface must be enabled via the PROGxx pins.
Note: When both SMBUS_SDA_PU and SMBUS_SCL_PU are present, the SMBus interface must also be enabled
via the
PROGxx pins. Otherwise, the SPI interface must be enabled via the PROGxx pins.
Note: When both SMBUS_SDA_PU and SMBUS_SCL_PU are present, the SMBus interface must also be enabled
via the
PROGxx pins. Otherwise, the SPI interface must be enabled via the PROGxx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com