Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 4 Page - Analog Devices

  MAX7421 Datasheet HTML 1Page - Analog Devices MAX7421 Datasheet HTML 2Page - Analog Devices MAX7421 Datasheet HTML 3Page - Analog Devices MAX7421 Datasheet HTML 4Page - Analog Devices MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(VDD = +3V, filter output measured at OUT pin, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1μF capacitor from COM to GND,
SHDN
= VDD, fCLK = 2.2MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK
Internal Oscillator Frequency
fOSC
COSC = 1000pF
(Note 3)
MAX7422/MAX7425
68
87
106
kHz
MAX7423/MAX7424
86
110
135
Clock Output Current
(Internal Oscillator Mode)
ICLK
VCLK = 0 or 5V
MAX7422/MAX7425
68
87
106
kHz
MAX7423/MAX7424
86
110
135
Clock Input High
VIH
2.5
Clock Input Low
VIL
0.5
POWER REQUIREMENTS
Supply Voltage
VDD
2.7
3.6
V
Supply Current
IDD
Operating mode, no
load
MAX7422/MAX7425
2.6
3.4
mA
MAX7423/MAX7424
3.0
3.8
Shutdown Current
ISHDN
SHDN
= GND
0.2
1
μA
Power-Supply Rejection Ratio
PSRR
Measured at DC
70
dB
SHUTDOWN
SHDN
Input High
VSDH
4.5
V
SHDN
Input Low
VSDL
0.5
V
SHDN
Input Leakage Current
VSHDN = 0 to VDD
±0.2
±10
μA
www.analog.com
Analog Devices │ 4
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Electrical Characteristics—MAX7422–MAX7425 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com