Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 4Page - Analog Devices MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices MAX7421 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425; fCLK = 2.2MHz; SHDN = VDD; VCOM = VOS = VDD / 2;
TA = +25°C; unless otherwise noted.)
Analog Devices │ 8
www.analog.com
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Typical Operating Characteristics (continued)
-90
-70
-80
-40
-50
-60
-30
-20
-10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
MAX7424
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(BUTTERWORTH)
AMPLITUDE (Vp-p)
B
A
C
SEE TABLE A
0
2
1
4
3
5
6
10
100
1000
INTERNAL OSCILLATOR FREQUENCY
vs. LARGE CAPACITANCE (nF)
CAPACITANCE (nF)
ELLIPTIC
BESSEL/BUTTERWORTH
2.3
2.5
2.9
2.7
3.1
3.3
2.5
3.5
3.0
4.0
4.5
5.0
5.5
ELLIPTIC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-90
-70
-80
-40
-50
-60
-30
-20
-10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
MAX7425
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(ELLIPTIC, R = 1.25)
AMPLITUDE (Vp-p)
B
A
C
SEE TABLE A
84.0
85.0
84.5
86.0
85.5
86.5
87.0
2.5
3.5
4.0
3.0
4.5
5.0
5.5
ELLIPTIC INTERNAL OSCILLATOR
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 1000PF
2.5
2.6
2.8
2.7
2.9
3.0
-40
10
-15
35
60
85
ELLIPTIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 5V
VDD = 3V
0
2000
1000
4000
3000
6000
5000
7000
INTERNAL OSCILLATOR FREQUENCY
vs. SMALL CAPACITANCE (pF)
CAPACITANCE ( pF)
1
10
100
1000
10000
ELLIPTIC
BESSEL/BUTTERWORTH
84.0
85.0
84.5
86.0
85.5
86.5
87.0
-40
10
-15
35
60
85
ELLIPTIC INTERNAL OSCILLATOR
FREQUENCY vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
COSC = 1000PF
LABEL
fIN
(kHz)
fC
(kHz)
fCLK
(kHz)
BW
(kHz)
A
2
30
3000
80
B
2
22
2200
80
C
1
10
1000
22
D
2
22
2200
80
E
1
10
1000
22
Table A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com