Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices MAX7421 Datasheet HTML 12Page - Analog Devices MAX7421 Datasheet HTML 13Page - Analog Devices MAX7421 Datasheet HTML 14Page - Analog Devices MAX7421 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Table 2. MAX7420/MAX7424 Typical Harmonic Distortion
Table 3. MAX7419/MAX7423 Typical Harmonic Distortion
FILTER
fCLK
(MHz)
fIN
(kHz)
VIN
(Vp-p)
TYPICAL HARMONIC DISTORTION (dB)
2nd
3rd
4th
5th
MAX7420
2.2
2
4
-77
-67
<-80
-76
1.5
2
<-80
-70
<-80
<-80
MAX7424
3.5
3
2
<-80
-70
<-80
<-80
2.2
2
<-80
-77
<-80
<-80
FILTER
fCLK
(MHz)
fIN
(kHz)
VIN
(Vp-p)
TYPICAL HARMONIC DISTORTION (dB)
2nd
3rd
4th
5th
MAX7419
2.2
2
4
<-80
-77
<-80
<-80
1.5
2
<-80
-80
<-80
<-80
MAX7423
3.5
3
2
<-80
-75
<-80
<-80
2.2
2
<-80
<-80
<-80
<-80
PART
TEMP RANGE
PIN-PACKAGE
MAX7422CUA
0°C to +70°C
8 μMAX
MAX7422EUA
-40°C to +85°C
8 μMAX
MAX7423CUA
0°C to +70°C
8 μMAX
MAX7423EUA
-40°C to +85°C
8 μMAX
MAX7424CUA
0°C to +70°C
8 μMAX
MAX7424EUA
-40°C to +85°C
8 μMAX
MAX7425CUA
0°C to +70°C
8 μMAX
MAX7425EUA
-40°C to +85°C
8 μMAX
www.analog.com
Analog Devices │ 13
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Chip Information
TRANSISTOR COUNT: 1457
PROCESS: BiCMOS
Ordering Information (continued)
Selector Guide (continued)
PART
FILTER RESPONSE
OPERATING
VOLTAGE (V)
MAX7422
r = 1.6
+3
MAX7423
Bessel
+3
MAX7424
Butterworth
+3
MAX7425
r = 1.25
+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com