Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 3Page - Analog Devices MAX7421 Datasheet HTML 4Page - Analog Devices MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425; fCLK = 2.2MHz; SHDN = VDD; VCOM = VOS = VDD / 2;
TA = +25°C; unless otherwise noted.)
Analog Devices │ 7
www.analog.com
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Typical Operating Characteristics (continued)
-250
-200
-100
-150
-50
0
0
8
4
12
16
20
24
28
MAX7419/MAX7423
PHASE RESPONSE (BESSEL)
INPUT FREQUENCY (kHz)
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
2
1
3
4
5
MAX7418
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(ELLIPTIC, R = 1.6)
AMPLITUDE (Vp-p)
SEE TABLE A
D
E
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
2
1
3
4
5
MAX7421
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(ELLIPTIC, R = 1.25)
AMPLITUDE (Vp-p)
SEE TABLE A
D
E
-350
-250
-300
-150
-200
-50
-100
0
0
8
12
4
16
20
24
28
MAX7420/MAX7424
PHASE RESPONSE (BUTTERWORTH)
INPUT FREQUENCY (kHz)
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
2
1
3
4
5
MAX7419
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(BESSEL)
AMPLITUDE (Vp-p)
SEE TABLE A
D
E
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX7422
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(ELLIPTIC, R = 1.6)
AMPLITUDE (Vp-p)
B
A
C
SEE TABLE A
-450
-350
-400
-200
-250
-300
-50
-100
-150
0
0
8
12
4
16
20
24
28
MAX7424/MAX7425
PHASE RESPONSE (ELLIPTIC, R = 1.25)
INPUT FREQUENCY (kHz)
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
2
1
3
4
5
MAX7420
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(BUTTERWORTH)
AMPLITUDE (Vp-p)
SEE TABLE A
D
E
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX7423
THD + NOISE vs. INPUT SIGNAL AMPLITUDE
(BESSEL)
AMPLITUDE (Vp-p)
A
C
B
SEE TABLE A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com