Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices MAX7421 Datasheet HTML 12Page - Analog Devices MAX7421 Datasheet HTML 13Page - Analog Devices MAX7421 Datasheet HTML 14Page - Analog Devices MAX7421 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Characteristics table for the input voltage range of COM
and OS. Changing the voltage on COM or OS significantly
from midsupply reduces the dynamic range.
Power Supplies
The MAX7418–MAX7421 operate from a single +5V sup-
ply and the MAX7422–MAX7425 operate from a single
+3V supply. Bypass VDD to GND with a 0.1μF capacitor.
If dual supplies are required, connect COM to the system
ground and GND to the negative supply. Figure 5 shows
an example of dual-supply operation. Single-supply and
dual-supply performance are equivalent. For either single-
supply or dual-supply operation, drive CLK and SHDN
from GND (V- in dual supply operation) to VDD. Use the
MAX7418–MAX7421 for ±2.5, and use the MAX7422–
MAX7425 for ±1.5V. For ±5V dual-supply applications,
refer to the MAX291/MAX292/MAX295/MAX296 and
MAX293/MAX294/MAX297 data sheets.
Input Signal Amplitude Range
The optimal input signal range is determined by observ-
ing the voltage level at which the signal-to-noise plus
distortion (SINAD) ratio is maximized for a given corner
frequency. The Typical Operating Characteristics show
the THD + Noise response as the input signal’s peak-to-
peak amplitude is varied.
Anti-Aliasing and Post-DAC Filtering
When using the MAX7418–MAX7425 for anti-aliasing or
post-DAC filtering, synchronize the DAC (or ADC) and
the filter clocks. If the clocks are not synchronized, beat
frequencies may alias into the desired passband.
Harmonic Distortion
Harmonic distortion arises from nonlinearities within the
filter. These nonlinearities generate harmonics when a
pure sine wave is applied to the filter input. Tables 1, 2,
and 3 list typical harmonic distortion values with a 10kΩ
load at TA = +25°C.
Figure 5. Dual-Supply Operation
Table 1. MAX7418/MAX7421/MAX7422/MAX7425 Typical Harmonic Distortion
FILTER
fCLK
(MHz)
fIN
(kHz)
VIN
(Vp-p)
TYPICAL HARMONIC DISTORTION (dB)
2nd
3rd
4th
5th
MAX7418
2.2
2
4
<-80
<-80
<-80
<-80
1.5
2
<-80
<-80
<-80
<-80
MAX7421
2.2
2
4
<-80
<-80
<-80
<-80
1.5
2
<-80
<-80
<-80
<-80
MAX7422
4.0
4
2
<-80
<-80
<-80
<-80
2.2
2
<-80
<-80
<-80
<-80
MAX7425
4.0
4
2
<-80
<-80
<-80
<-80
2.2
2
<-80
<-80
<-80
<-80
www.analog.com
Analog Devices │ 12
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
VDD
V+
V-
IN
CLK
GND
INPUT
OUTPUT
OUT
0.1µF
0.1µF
CLOCK
*CONNECT SHDN TO V- FOR LOW-POWER SHUTDOWN MODE.
SHDN
COM
OS
MAX7418–
MAX7425
*
V+
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com