Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices MAX7421 Datasheet HTML 12Page - Analog Devices MAX7421 Datasheet HTML 13Page - Analog Devices MAX7421 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
An SCF that emulates a passive ladder filter retains many
of the same advantages. The component sensitivity of a
passive ladder filter is low when compared to a cascaded
biquadratic design because each component affects the
entire filter shape rather than a single pole-zero pair. In
other words, a mismatched component in a biquadratic
design has a concentrated error on its respective poles,
while the same mismatch in a ladder filter design spreads
its error over all poles.
Elliptic Characteristics
Lowpass elliptic filters such as the MAX7418/MAX7421/
MAX7422/MAX7425 provide the steepest possible
rolloff with frequency of the four most common filter types
(Butterworth, Bessel, Chebyshev, and elliptic). The high-
Q value of the poles near the passband edge combined
with the stopband zeros allow for the sharp attenuation
characteristic of elliptic filters, making these devices ideal
for anti-aliasing and post-DAC filtering in single-supply
systems (see Anti-Aliasing and Post-DAC Filtering).
In the frequency domain, the first transmission zero
causes the filter’s amplitude to drop to a minimum level
(Figure 2). Beyond this zero, the response rises as the
frequency increases until the next transmission zero.
The stopband begins at the stopband frequency, fS. At
frequencies above fS, the filter’s gain does not exceed
the gain at fS. The corner frequency, fC, is defined as the
point at which the filter output attenuation falls just below
the passband ripple. The transition ratio (r) is defined
as the ratio of the stopband frequency to the corner
frequency:
r = fS / fC
The MAX7418/MAX7422 have a transition ratio of 1.6
and typically 53dB of stopband rejection. The MAX7421/
MAX7425 have a transition ratio of 1.25 (providing a
steeper rolloff) and typically 37dB of stopband rejection.
Bessel Characteristics
Lowpass Bessel filters such as the MAX7419/MAX7423
delay all frequency components equally, preserving the
line up shape of step inputs (subject to the attenuation
of the higher frequencies). Bessel filters settle quickly—
an important characteristic in applications that use a
multiplexer (mux) to select an input signal for an analog-
to-digital converter (ADC). An anti-aliasing filter placed
between the mux and the ADC must settle quickly after a
new channel is selected.
Butterworth Characteristics
Lowpass Butterworth filters such as the MAX7420/
MAX7424 provide a maximally flat passband response,
making them ideal for instrumentation applications that
require minimum deviation from the DC gain throughout
the passband.
The difference between Bessel and Butterworth filters can
be observed when a 1kHz square wave is applied to the
filter input (Figure 3, trace A). With the filter cutoff frequen-
cies set at 5kHz, trace B shows the Bessel filter response
and trace C shows the Butterworth filter response.
Clock Signal
External Clock
These SCFs are designed for use with external clocks
that have a 40% to 60% duty cycle. When using an exter-
nal clock, drive the CLK pin with a CMOS gate powered
from 0 to VDD. Varying the rate of the external clock
adjusts the corner frequency of the filter.
CLK
C
f
f
100
=
Figure 1. 5th-Order Ladder Filter Network
Figure 2. Elliptic Filter Response
www.analog.com
Analog Devices │ 10
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
L4
C5
C3
C1
VIN
+
-
RL
L2
RS
PASSBAND
STOPBAND
FREQUENCY
fC fS
fS
fC
fS
fC
TRANSITION RATIO =
RIPPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com