Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices MAX7421 Datasheet HTML 12Page - Analog Devices MAX7421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425; fCLK = 2.2MHz; SHDN = VDD; VCOM = VOS = VDD / 2;
TA = +25°C; unless otherwise noted.)
Detailed Description
The MAX7418/MAX7421/MAX7422/MAX7425 elliptic
lowpass filters provide sharp rolloff with good stopband
rejection. The MAX7419/MAX7423 Bessel filters pro-
vide low overshoot and fast settling responses, and the
MAX7420/MAX7424 Butterworth filters provide a maxi-
mally flat passband response. All parts operate with a
100:1 clock-to-corner frequency ratio.
Most switch capacitor filters (SCFs) are designed with
biquadratic sections. Each section implements two pole-
zero pairs, and the sections can be cascaded to produce
higher order filters. The advantage to this approach is
ease of design. However, this type of design is highly sen-
sitive to component variations if any section’s Q is high.
The MAX7418–MAX7425 use an alternative approach,
which is to emulate a passive network using switched-
capacitor integrators with summing and scaling. The pas-
sive network may be synthesized using CAD programs, or
may be found in many filter books. Figure 1 shows a basic
5th-order ladder filter structure.
PIN
NAME
FUNCTION
1
COM
Common Input Pin. Biased internally at midsupply. Bypass COM externally to GND with a 0.1μF capacitor. To
override internal biasing, drive COM with an external supply.
2
IN
Filter Input
3
GND
Ground
4
VDD
Positive Supply Input: +5V for MAX7418–MAX7421, +3V for MAX7422–MAX7425. Bypass VDD to GND with a
0.1μF capacitor.
5
OUT
Filter Output
6
OS
Offset Adjust Input. To adjust output offset, connect OS to an external supply through a resistive voltage-
divider (Figure 4). Connect OS to COM if no offset adjustment is needed. The Offset and Common-Mode
Input Adjustment section.
7
SHDN
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
8
CLK
Clock Input. Connect an external capacitor (COSC) from CLK to ground. To override the internal oscillator,
connect CLK to an external clock: fC = fCLK /100.
Analog Devices │ 9
www.analog.com
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Typical Operating Characteristics (continued)
0
1.0
0.5
2.0
1.5
2.5
3.0
-40
10
-15
35
60
85
DC OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 5V
VDD = 3V
0
0.5
1.5
1.0
2.0
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DC OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com