Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices MAX7421 Datasheet HTML 10Page - Analog Devices MAX7421 Datasheet HTML 11Page - Analog Devices MAX7421 Datasheet HTML 12Page - Analog Devices MAX7421 Datasheet HTML 13Page - Analog Devices MAX7421 Datasheet HTML 14Page - Analog Devices MAX7421 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Internal Clock
When using the internal oscillator, the capacitance (COSC)
on CLK determines the oscillator frequency:
OSC
OSC
k
f
(kHz)
C
(pF)
=
where
k=87x103 for the
MAX7418/MAX7421/MAX7422/MAX7425
and
k=110X103 for the
MAX7419/MAX7420/MAX7423/ MAX7424.
Since COSC is in the low picofarads, minimize the stray
capacitance at CLK so that it does not affect the inter-
nal oscillator frequency. Varying the rate of the internal
oscillator adjusts the filter’s corner frequency by a 100:1
clock-to-corner frequency ratio. For example, an internal
oscillator frequency of 2.2MHz produces a nominal corner
frequency of 22kHz.
Input Impedance vs. Clock Frequencies
The MAX7418–MAX7425s’ input impedance is effectively
that of a switched-capacitor resistor (see the following
equation), and is inversely proportional to frequency.
The input impedance values determined by the equation
represent the average input impedance, since the input
current is not continuous. As a rule, use a driver with
an output resistance less than 10% of the filter’s input
impedance.
Estimate the input impedance of the filter by using the
following formula:
IN
CLK
IN
1
Z
(f
C )
=
×
where fCLK = clock frequency and CIN = 1pF.
Low-Power Shutdown Mode
The MAX7418–MAX7425 have a shutdown mode that is
activated by driving SHDN low. In shutdown mode, the
filter supply current reduces to 0.2μA, and the output of
the filter becomes high impedance. For normal operation,
drive SHDN high or connect to VDD.
Applications Information
Offset (OS) and Common-Mode (COM)
Input Adjustment
COM sets the common-mode input voltage and is biased
at midsupply with an internal resistor-divider. If the appli-
cation does not require offset adjustment, connect OS
to COM. For applications in which offset adjustment
is required, apply an external bias voltage through a
resistor-divider network to OS, as shown in Figure 4. For
applications that require DC level shifting, adjust OS with
respect to COM. (
Note: Do not leave OS unconnected.)
The output voltage is represented by these equations:
OUT
IN
COM
OS
DD
COM
V
( V
V
) V
V
V
( typical)
2
=
−+
=
where (VIN - VCOM) is lowpass filtered by the SCF and
OS is added at the output stage. See the Electrical
Figure 3. Bessel vs. Butterworth Filter Response
Figure 4. Offset Adjustment Circuit
www.analog.com
Analog Devices │ 11
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
A
2V/div
2V/div
2V/div
C
A: 1kHz INPUT SIGNAL
B: MAX7419 BESSEL FILTER RESPONSE; fC = 5kHz
C: MAX7420 BUTTERWORTH FILTER RESPONSE; fC = 5kHz
B
200µs/div
VDD
VSUPPLY
IN
CLK
GND
INPUT
OUTPUT
50k
50k
50k
OUT
0.1µF
0.1µF
0.1µF
CLOCK
SHDN
COM
OS
MAX7418–
MAX7425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com