Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 1 Page - Analog Devices

  MAX7421 Datasheet HTML 1Page - Analog Devices MAX7421 Datasheet HTML 2Page - Analog Devices MAX7421 Datasheet HTML 3Page - Analog Devices MAX7421 Datasheet HTML 4Page - Analog Devices MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX7418–MAX7425 5th-order, low-pass, switched-
capacitor filters (SCFs) operate from a single +5V
(MAX7418–MAX7421) or +3V (MAX7422–MAX7425)
supply. These devices draw only 3mA of supply current
and allow corner frequencies from 1Hz to 45kHz, making
them ideal for low-power post-DAC filtering and anti-
aliasing applications. They feature a shutdown mode that
reduces supply current to 0.2μA.
Two clocking options are available: self-clocking (through
the use of an external capacitor), or external clocking
for tighter corner-frequency control. An offset adjust pin
allows for adjustment of the DC output level.
The MAX7418/MAX7422 deliver 53dB of stopband
rejection and a sharp rolloff with a 1.6 transition ratio.
The MAX7421/MAX7425 achieve a sharper rolloff with a
1.25 transition ratio while still providing 37dB of stopband
rejection. The MAX7419/MAX7423 Bessel filters pro-
vide low overshoot and fast settling, and the MAX7420/
MAX7424 Butterworth filters provide a maximally flat
passband response. Their fixed response simplifies the
design task of selecting a clock frequency.
Features
● 5th-Order, Lowpass Filters
• Elliptic Response
(MAX7418/MAX7421/MAX7422/MAX7425)
• Bessel Response (MAX7419/MAX7423)
• Butterworth Response (MAX7420/MAX7424)
● Clock-Turnable Corner Frequency (1Hz to 45kHz)
● Single-Supply Operation
• +5V (MAX7418–MAX7421)
• +3V (MAX7422–MAX7425)
● Low Power
• 3mA (Operating Mode)
• 0.2μA (Shutdown Mode)
● Available in 8-Pin μMAX Package
● Low Output Offset: ±4mV
● ADC Anti-Aliasing
● DAC Postfiltering
● CT2 Base Stations
● Speech Processing
Ordering Information continued at end of data sheet.
Selector Guide continued at end of data sheet.
19-1821; Rev 2; 8/22
PART
TEMP RANGE
PIN-PACKAGE
MAX7418CUA
0°C to +70°C
8 μMAX
MAX7418EUA
-40°C to +85°C
8 μMAX
MAX7419CUA
0°C to +70°C
8 μMAX
MAX7419EUA
-40°C to +85°C
8 μMAX
MAX7420CUA
0°C to +70°C
8 μMAX
MAX7420EUA
-40°C to +85°C
8 μMAX
MAX7421CUA
0°C to +70°C
8 μMAX
MAX7421EUA
-40°C to +85°C
8 μMAX
5th-Order, Lowpass,
Switched-Capacitor Filters
MAX7418–MAX7425
Design
Resources
Tools
and Models
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2022 Analog Devices, Inc. All rights reserved.
© 2022 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click here to ask an associate for production status of specific part numbers.
Pin Configuration
Typical Operating Circuit
Ordering Information
OS
OUT
VDD
1
2
8
7
CLK
SHDN
IN
GND
COM
µMAX
TOP VIEW
3
4
6
5
MAX7418–
MAX7425
VDD
IN
CLK
OUT
GND
INPUT
0.1µF
0.1µF
CLOCK
SHDN
OUTPUT
VSUPPLY
COM
OS
MAX7418–
MAX7425
PART
FILTER RESPONSE
OPERATING
VOLTAGE (V)
MAX7418
r = 1.6
+5
MAX7419
Bessel
+5
MAX7420
Butterworth
+5
MAX7421
r = 1.25
+5
Selector Guide
Applications


Similar Part No. - MAX7421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7421 MAXIM-MAX7421 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7421CUA MAXIM-MAX7421CUA Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7421CUA+ MAXIM-MAX7421CUA+ Datasheet
622Kb / 5P
MAXFILTERBRD
Rev 0; 8/09
MAX7421CUA+ MAXIM-MAX7421CUA+ Datasheet
718Kb / 5P
CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
MAX7421EUA MAXIM-MAX7421EUA Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
More results

Similar Description - MAX7421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com