Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 2 Page - Analog Devices

  MAX7421 Datasheet HTML 1Page - Analog Devices MAX7421 Datasheet HTML 2Page - Analog Devices MAX7421 Datasheet HTML 3Page - Analog Devices MAX7421 Datasheet HTML 4Page - Analog Devices MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VDD to GND ............................................................-0.3V to +6V
IN, OUT, COM, OS, CLK, SHDN ............. -0.3V to (VDD + 0.3V)
OUT Short-Circuit Duration ..................................................... 1s
Continuous Power Dissipation (TA = +70°C)
8-Pin μMAX (derate 4.1mW/°C above +70°C)............330mW
Operating Temperature Ranges
MAX74 _ _C_A...................................................0°C to +70°C
MAX74 _ _E_A............................................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1μF capacitor from COM to GND,
SHDN
= VDD, fCLK = 2.2MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Electrical Characteristics—MAX7418–MAX7421
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER CHARACTERISTICS
Corner Frequency
fC
VIN = 4Vp-p (Note 1)
0.001 to 30
kHz
Clock-to-Corner Ratio
fCLK / fC
100:1
Clock-to-Corner Tempco
10
ppm/°C
Output Voltage Range
0.25
VDD - 0.25
V
Output Offset Voltage
VOFFSET VIN = VCOM = VDD / 2
±4
±25
mV
DC Insertion Gain with
Output Offset Removed
VCOM = VDD / 2
(Note 2)
MAX7418/MAX7421
0
0.2
0.4
dB
MAX7419/MAX7420
-0.2
0
+0.2
Total Harmonic Distortion
plus Noise
THD+N
fIN = 2KHz,
VIN = 4Vp-p,
measurement
bandwidth = 80kHz
MAX7418
-76
dB
MAX7419
-78
MAX7420
-67
MAX7421
-78
Offset Voltage Gain
AOS
OS to OUT
1
V/V
COM Voltage Range
VCOM
Input, COM externally driven
2.0
2.5
3.0
V
Output, COM unconnected
2.3
2.5
2.7
Input Voltage Range at OS
VOS
Input, OS externally driven
VCOM ±0.1
V
Input Resistance at COM
RCOM
100
140
kΩ
Clock Feedthrough
5
mVp-p
Resistive Output Load Drive
RL
10
1
kΩ
Maximum Capacitive Output
Load Drive
CL
50
500
pF
Input Leakage Current at COM
SHDN
= GND, VCOM = 0 to VDD
±0.1
±10
μA
Input Leakage Current at OS
VOS = 0 to VDD
±0.1
±10
μA
CLOCK
Internal Oscillator Frequency
fOSC
COSC = 1000pF
(Note 3)
MAX7418/MAX7421
68
87
106
kHz
MAX7419/MAX7420
86
110
135
Clock Output Current
(Internal Oscillator Mode)
ICLK
VCLK = 0 or 5V
MAX7418/MAX7421
±40
±60
μA
MAX7419/MAX7420
±50
±75
Clock Input High
VIH
4.5
V
Clock Input Low
VIL
0.5
V
www.analog.com
Analog Devices │ 2
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com