Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7421 Datasheet(HTML) 3 Page - Analog Devices

  MAX7421 Datasheet HTML 1Page - Analog Devices MAX7421 Datasheet HTML 2Page - Analog Devices MAX7421 Datasheet HTML 3Page - Analog Devices MAX7421 Datasheet HTML 4Page - Analog Devices MAX7421 Datasheet HTML 5Page - Analog Devices MAX7421 Datasheet HTML 6Page - Analog Devices MAX7421 Datasheet HTML 7Page - Analog Devices MAX7421 Datasheet HTML 8Page - Analog Devices MAX7421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1μF capacitor from COM to GND,
SHDN
= VDD, fCLK = 2.2MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(VDD = +3V, filter output measured at OUT pin, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1μF capacitor from COM to GND,
SHDN
= VDD, fCLK = 2.2MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage
VDD
4.5
5.5
V
Supply Current
IDD
Operating mode, no
load
MAX7418/MAX7421
2.9
3.6
mA
MAX7418/MAX7421
3.4
4.1
Shutdown Current
ISHDN
SHDN
= GND
0.2
1
μA
Power-Supply Rejection Ratio
PSRR
IN = COM (Note 4)
70
dB
SHUTDOWN
SHDN
Input High
VSDH
4.5
V
SHDN
Input Low
VSDL
0.5
V
SHDN
Input Leakage Current
VSHDN = 0 to VDD
±0.2
±10
μA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER CHARACTERISTICS
Corner-Frequency Range
fC
VIN = 2.5Vp-p
(Note 1)
MAX7422/MAX7425
100:1 to 45
kHz
MAX7423/MAX7424
Clock-to-Corner Ratio
fCLK / fC
100:1
Clock-to-Corner Tempco
10
ppm/°C
Output Voltage Range
0.25
VDD - 0.25
V
Output Offset Voltage
VOFFSET VIN = VCOM = VDD / 2
±4
±25
mV
DC Insertion Gain with
Output Offset Removed
VCOM = VDD / 2
(Note 2)
MAX7422/MAX7425
0
0.2
0.4
dB
MAX7423/MAX7424
-0.2
0
+0.2
Total Harmonic Distortion
plus Noise
THD+N
fIN = 2KHz,
VIN = 2.5Vp-p,
measurement
bandwidth = 80kHz
MAX7422
-80
dB
MAX7423
-81
MAX7424
-70
MAX7425
-80
Offset Voltage Gain
AOS
OS to OUT
1
V/V
COM Voltage Range
VCOM
Input, COM externally driven
1.4
1.5
1.6
V
Output, COM internally driven
1.4
1.5
1.6
Input Voltage Range at OS
VOS
Measured with respect to COM
VCOM ±0.1
V
Input Resistance at COM
RCOM
100
140
kΩ
Clock Feedthrough
5
mVp-p
Resistive Output Load Drive
RL
10
1
kΩ
Maximum Capacitive Load at
OUT
CL
50
500
pF
Input Leakage Current at COM
SHDN
= GND, VCOM = 0 to VDD
±0.1
±10
μA
Input Leakage Current at OS
VOS = 0 to VDD
±0.1
±10
μA
www.analog.com
Analog Devices │ 3
MAX7418–MAX7425
5th-Order, Lowpass,
Switched-Capacitor Filters
Electrical Characteristics—MAX7418–MAX7421 (continued)
Electrical Characteristics—MAX7422–MAX7425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com