Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 4 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 4 Page - Hynetek Semiconductor Co., Ltd.

  HUSB251 Datasheet HTML 1Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 4 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD
IFB
VFB
1
2
HUSB251
-ACXXX
-QN24R
3
GPIO5/SDA
4
GPIO1
D+
CS-
GPIO0
5
6
18
17
16
15
14
13
GATE
ADN
GPIO4/SCL
OTP
Figure 2. HUSB251 Pin Assignment
Table 1. HUSB251-ACXXX-QN24R Pin Function Descriptions
Pin No. Pin Name
Type
Description
1
GPIO0
AO
General purpose pin 0.
2
GATE
AO
N-MOSFET Gate driver output for VBUS load switch.
3
VDD
P
Internal 1.5 V regulator output for system power. Connect a 1 μF ceramic capacitor at this
pin.
4
GPIO1
AO
General purpose pin 1. This pin is only open drain output.
5
ADN
AI
ADC input pin for voltage detection.
6
D+
DIO
USB D+ line.
7
D-
DIO
USB D- line.
8
GPIO2
DIO
General purpose pin 2. This pin can be configured as ADC input, digital input, digital output,
pull up or pull down function by firmware.
9
GPIO3
DIO
General purpose pin 3. This pin can be configured as ADC input, digital input, digital output,
pull up or pull down function by firmware.
10
CC1
AIO
USB Type-C CC1 line.
11
CC2
AIO
USB Type-C CC2 line.
12
CS+
AI
Positive input of the current sense amplifier.
13
CS−
AI
Negative input of the current sense amplifier.
14
GPIO4
AO
Multiplex PIN. One is general purpose pin 4. Other is SCL of I2C.
15
GPIO5
AO
Multiplex PIN. One is general purpose pin 5. Other is SDA of I2C.
16
VFB
AI
Feedback point of Constant Voltage (CV) loop, connect CV compensation network to this
pin.
17
IFB
AI
Feedback point of Constant Current (CC) loop, connect CC compensation network to this
pin.
18
OTP
AI
External temperature sensing pin. An internal pull up current source is connected at this
pin. A NTC thermistor is recommended to be place at this pin.
19
GPIO6
DIO
General purpose pin 6. This pin can be configured as ADC input, digital input, digital output,
pull up or pull down function by firmware.
20
GPIO7
DIO
General purpose pin 7. This pin can be configured as ADC input, digital input, digital output,
pull up or pull down function by firmware.
21
VBUS
AI
VBUS sense and discharge pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com