Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 11 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 11 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
HUSB251
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 11 of 21
FUNCTIONAL BLOCK DIAGRAM
+
-
IDAC
+
-
VDAC
+
-
Rbot
Rtop
1.5V
PD PHY
DPDM PHY
RISC-V Core
80uA
OTP
+
-
DISCHARGER
UVLO
VIN
EN_GATE
OV_COMP
TSD
VDAC
IDAC
ALD
VBUS_DSG
GPIOs
GND
GATE
VBUS
VIN
VDD
VFB
OPTO
IFB
CS+
CS-
D+
D-
CC1 CC2
OVP/UVP_THD
+
-
+
-
IIN_SCP
11-bit ADC
VIN
VBUS
IFB
GATE
CC1
CC2
3.3V
IDAC
OVP/UVP_THD
+
-
ICC_Flag
CF_COMP
TSD_COMP
ChargePump
D-
D+
ADN
GPIOs
OSC
vGPIO
Control
ALD
VBUS_DSG
I2C
UART
GPIO2/3
GPIO4/5
Figure 3. HUSB251 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com