Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 8 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 8 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 8 of 21
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
D-/D+ TX Valid
Output Low
VTX_VOL
0.3
V
D-/D+ RX Valid Input
High
VRX_VIH
1.4
3.6
V
D-/D+ RX Valid Input
Low
VRX_VIL
1
V
Unit Interval for FCP
UI
160
μs
BC1.2 Detection
DCD Source Current
IDP_SRC
7
10
12
μA
BC1.2 Source
Voltage
VDPM_SRC
0.55
0.6
0.65
V
BC1.2 Sink Current
IDPM_SNK
25
75
125
μA
Voltage Regulation
VDAC LSB
LSB_VDAC
10
Bit
Default Voltage
VDEFAULT
4.75
5.1
5.5
V
Regulation Accuracy
vSRCValid
TA = 25°C
99
100
101
%
TJ = -40°C to 125°C
97
100
103
%
Active Load for
Discharge
RALD
ALD option 0 is selected
70
mA
ALD option 1 is selected
100
mA
ALD option 2 is selected
140
mA
ALD option 3 is selected
170
mA
Current Control
Constant Current
Accuracy
Operating current is less than 3 A
-0.15
0
0.15
A
Operating current is higher than 3 A, refer to nominal
operation current
95
100
105
%
Current Sensing
Resistor
RCS
5
mΩ
Gate Driver and VBUS
Gate Driver Output
Voltage
VGATE
VIN ≤ 21 V
5
7
10
V
VIN > 21 V
4.5
5.5
6.5
V
Gate Driver Output
Current
IGATE_ON
20
μA
Gate Discharge
Current
IGATE_DSG
20
mA
VBUS Discharge
Current
IVBUS_DSG
20
mA
Fault Protection
Over-voltage
Protection Threshold
VIN_OV
OVP threshold option 0, refer to nominal VIN
110
%
OVP threshold option 1, refer to nominal VIN
115
%
OVP threshold option 2, refer to nominal VIN
120
%
OVP threshold option 3, refer to nominal VIN
125
%
Over-current
Protection Threshold
IIN_OCP
Nominal output current = 3 A
3.6
A
Short-circuit
Protection Threshold
IIN_SCP
12
A
OTP Current Source
IOTP
80
μA
Thermal Shut Down
Threshold
TSD
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com