Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 14 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 14 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 14 of 21
80uA
10k
ADC
OTP
Figure 5. OTP Detection
THERMAL SHUT DOWN
When the junction temperature rises across TTSD, thermal shut down takes action and the GATE is disabled. When the
junction temperature falls across TTSD-TTSD_HYS, the HUSB251 is reset to default mode and will automatic recover
again.
ANALOG-DIGITAL CONVERTER
Configured as Source or Toggled as Source:
The HUSB251 supports various fast charging protocols including PD2.0,PD3.0, BC1.2 DCP, Divider 3, QC 2.0/3.0
Class A, AFC, FCP, SCP and UFCS. According to the different status of D+ and D- pins, the HUSB251 recognizes the
attached Sinks and apply the fast charging protocol automatically.
Configured as Source or Detected as Source:
Configured as Sink or Toggled as Sink:
The HUSB251 supports PD2.0, PD3.1, BC1.2;
GPIO
GPIO pins are for general purpose. GPIO pins can be configured in different work mode per the firmware settings.
GPIO pins can be worked as:
Interrupt Input: the GPIO pin is a digital input pin, any digital logic level transition of GPIO pin can be configured a
interrupt source to notify the MCU.
Output Pin: the GPIO pin is a digital output pin, the output state can be determined by the firmware.
ADC Input: the GPIO pin is an analog input pin, the input voltage can be sampled by ADC and reported to the MCU.
INT
ADC
Pull UP
Pull
Down
Open Drain
Direct output
I2C
UART
GPIO0
○
○
○
○
GPIO1
○
○
○
GPIO2
○
○
○
○
○
○
○
GPIO3
○
○
○
○
○
○
○
GPIO4
○
○
○
○
GPIO5
○
○
○
○
GPIO6
○
○
○
○
○
○
GPIO7
○
○
○
○
○
○



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com