Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 9 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 9 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
HUSB251
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 9 of 21
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Thermal Shut Down
Hysteresis
TSDHys
20
°C
ADC
ADC Resolution
NADC
11
Bit
ADC Reference
Voltage
VADC
2.5
V
ADC Sample Rate
fADC
125
kHz
GPIO
Digital Output High
Voltage
VOH_D
Source current = 2 mA
3.3
V
Digital Output Low
Voltage
VOL_D
Sink current = 2 mA
0.4
V
Digital Input High
Voltage
VIH_D
1.4
V
Digital Input Low
Voltage
VIL_D
1
V
Internal Pull-up
Resistor
RGPIO_PU
35
kΩ
Internal Pull-down
Resistor
RGPIO_PD
35
kΩ
I2C(SDA,SCL)
Input Leakage
Current
Output Low Voltage
Input Low Voltage
Input High Voltage
Input High Hysteresis
SCL Clock
Frequency
ILKG_I2C
VOL_I2C
VOL_I2C
VHL_I2C
VHYS_I2C
FSCL_I2C
VDD=3.3 V
Sink current is 2 mA
I2C Pull up voltage is 3.3 V
I2C Pull up voltage is 3.3 V
I2C Pull up voltage is 3.3 V
-3
2.31
0.17
50
3
0.4
0.99
400
mA
V
V
V
V
kHZ
UART(UTX,URX)
Output Low Voltage
Output High Voltage
Output Impedance
Input Low Voltage
Input High Voltage
Input High Hysteresis
UATR Tx Baud Rate
VOL_UART
VOH_UART
RO_UART
VIL_UART0
VIL_UART1
VHL_UART0
VHL_UART1
VHYS_UART
FBR_UART0
FBR_UART1
FBR_UART2
Sink current is 0.5 mA
Source current is 0.5 mA
35
1.4
2.31
0.2
103.7
51.84
34.56
115.2
57.6
38.4
0.4
0.9V
75
0.99
0.54
126.7
63.36
42.24
V
V
Ω
V
V
V
V
V
kHZ
kHZ
kHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com