Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 15 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 15 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 19Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
HUSB251
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 15 of 21
I2C FUNCTION
The HUSB251 implements a Fast-mode I2C interface. This I2C can be using as master or slave just setting by
firmware.
When configure GPIO as the I2C, GPIO4 as SCL and GPIO5 as SDA. It can detect the status of the input signals and
drive the I2C bus when needed
SCL/SDA_IN
VREF
SDA/SCL_PD/Output
3.3V
4.7K
GPIO4/5
Device
Figure 6. I2C Connection Diagram
SLEEP MODE
The HUSB251 supports deep sleep mode, and customizable sleep time. The current of VIN is not more than 1.5 mA
on toggling as the DRP, when configured the appropriate sleep timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com