Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 13 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 13 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
HUSB251
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 13 of 21
80uA
CC Logic
Control
330uA
180uA
VCONN
Rd
CC1
80uA
330uA
180uA
VCONN
Rd
CC1
Figure 4. CCx Hardware Diagram
BMC DRIVER
Through the Type-C detection, one of the CC pins will be connected to the internal BMC block to achieve PD
communication.
VBUS PIN
This pin is used to sense VBUS presence and discharge VBUS voltage on USB Type-C receptacle side.
The VBUS pin is also connected to an internal MOSFET and discharging circuitry, which is used as a bleeder to help
dissipate the energy stored in the VBUS capacitor. With this bleeder, VBUS is discharged to vSafe0V upon the
detachment of a connected device, or to a lower desired output voltage level upon a request command received from
the Sink, such as from 20 V to 5 V.
GATE PIN
The GATE pin of the HUSB251 is designed to drive an external N-MOSFET. When the HUSB251 is attached and is
ready to enable VBUS. The GATE pin outputs a voltage to turn on the external N-MOSFET. The turn on time of the
external N-MOSFET may impacted by the external N-MOSFET’s characteristics.
OVER VOLTAGE PROTECTION
The HUSB251 detects the VIN pin voltage to achieve over-voltage protection function. The threshold to trigger over-
voltage protection can be configured as 4 options. When the over-voltage condition occurs, the firmware is notified to
handle this fault.
OVER CURRENT PROTECTION
When the current sensed by the sense resistor exceeds the pre-set threshold in firmware. The threshold to trigger
over-current protection can be configured by firmware. When the over-current condition occurs, the firmware is
notified to handle this fault.
SHORT CIRCUIT PROTECTION
The HUSB251 integrates SCP protection function. When the VBUS is hard shorted to GND by fault, the output current
increases sharply. When the output current reaches the SCP threshold, the firmware is notified to handle this fault.
OVER TEMPERATURE PROTECTION
The HUSB251 integrates a current source at OTP pin. When the OTP function is preferred, a NTC thermistor is
recommended to be place at OTP pin. In addition, the internal current source outputs the current to the GND through
the external thermistor. The voltage at the OTP pin can be sampled by ADC to identify the actual temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com