Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 6 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 6 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 6 of 21
RECOMMENDED OPERATING CONDITIONS
Table 2.
Parameter
Rating
VIN Input Voltage
3.15 V to 29.4 V
Operating Junction Temperature Range (TJ)
−40 °C to 125 °C
Ambient Temperature Range (TA)
-40 °C to 85 °C
SPECIFICATIONS
VIN = 3.15 V to 29.4 V, TJ = −40°C to 125°C for minimum and maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted.
Table 3. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply
Supply Voltage
UVLO Threshold
VIN_UVLO
Rising edge
3.3
V
Supply Voltage
UVLO Hysteresis
VIN_UVLO_HYS
300
mV
Operation Mode
Supply Current
ICC_OPR
CC is attached with a Rd, normal operation
4
mA
Sleep Mode Supply
Current
ICC_SLP
CC is attached with a Rd, configured in sleep mode
1.5
mA
Internal Regulator
(VDD)
Output Voltage
VDD
1.5
V
Type C Pull up current
source (CC1, CC2)
Default Current
Source
IRP_DFT
64
80
96
μA
1.5 A Current Source
IRP_1.5A
166
180
194
μA
3 A Current Source
IRP_3A
304
330
356
μA
Rd Detection
Threshold 1
vRd_OPEN_1.5A
Default or 1.5 A Rp current source is enabled, TA =
25°C
1.55
1.6
1.65
V
Rd Detection
Threshold 2
vRd_OPEN_3A
3 A Rp current source is enabled, TA = 25°C
2.50
2.6
2.70
V
Ra Detection
Threshold 0
vRa_DEF
Default Rp current source is enabled, TA = 25°C
0.15
0.2
0.25
V
Ra Detection
Threshold 1
vRa_1.5A
1.5 A Rp current source is enabled, TA = 25°C
0.35
0.4
0.45
V
Ra Detection
Threshold 2
vRa_3A
3 A Rp current source is enabled, TA = 25°C
0.75
0.8
0.85
V
CC Impedance in
Disable Mode
RP_DIS
CC impedance with RP is disabled
2
MΩ
VCONN Output
Voltage
vVCONN
VCONN is enabled
3
5
5.5
V
VCONN Output
Current Limit
IVCONN
VIN = 3.3 V to 5.5 V and VCONN is enabled
20
mA
Type C Pull down
resistor (CC1, CC2)
Sink Pull Down
Resistor
Rd
Vin>VIN_UVLO
4.6
5.1
5.6
kΩ
Ra Detection
Threshold as Sink
VRa_SNK
Configured as Sink
0.15
0.20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com