Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 10 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 10 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 10 of 21
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN, VBUS, OPTO, GATE to GND
−0.3 V to 35 V
CC1, CC2, D+, D-, CS+, CS- to GND
−0.3 V to 30 V
VFB, IFB, ADN, OTP, GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, GPIO7 to
GND
−0.3 V to 7 V
VDD to GND
−0.3 V to 2 V
Junction Temperature Range
−40°C to 125°C
Soldering Conditions
JEDEC J-STD-020
Electrostatic Discharge (ESD)
Human Body Model (ALL Other PINS to GND)
±6000 V
Human Body Model (ALL Other PINS to VDD)
±6000 V
Human Body Model (ALL Other PINS to VIN)
±2500 V
Charged Device Model
±2000 V
Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product.
This is a stress rating only; functional operation of the product at these or any other conditions above those indicated
in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board (PCB) design and operating environment. Close
attention to PCB thermal design is required.
θJA is the natural convection junction to ambient thermal resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
QFN4x4-24L
46
23
°C/W
ESD CAUTION
Electrostatic Discharge Sensitive Device.
Charged devices and circuit boards can discharge without detection. Although this product features patented
or proprietary protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com