Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 12 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 12 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 12 of 21
THEORY OF OPERATION
HUSB251 is a MCU-based USB PD DRP controller. It integrates a MCU core with necessary functions for USB PD
protocol, legacy charging protocols and power regulation. By modifying the firmware, the HUSB251 can be employed
in different applications. The integrated protections including OCP, OVP, UVP, SCP, OTP, CCOV, TSD and DPDMOV
can enhance the system reliability significantly.
MCU
HUSB251 integrates a 32-Bit RISC-V MCU core for the main operation. This subsystem implements the standard
RISC-V structure. It features:
Support RV32 commands
Support the programs in C format
Support interruptions
Internal communication BUS
With 8 kB ROM, 8 kB RAM, 32 kB Flash peripherals
VIN PIN
VIN pin is the power supply input, which is derived from the output of the AC-DC or DC-DC converter. Connect a 1 μF
decoupling MLCC between VIN pin and GND pin.
The VIN pin is also connected to an internal MOSFET and discharge resistor, which is used as a bleeder to help
discharge the energy stored in the output capacitor. With this bleeder, VIN can be regulated to vSafe5V upon the
detachment of a connected device, or to a lower desired output voltage level upon a request command received from
the Sink, such as from 20 V to 5 V.
VDD PIN
An internal liner regulator is used to provide 1.5 V for internal circuits. Connect a 1 μF MLCC to VDD pin for
decoupling.
CONTROL LOOP COMPENSATION CIRCUIT (VFB, CS+, CS
−, IFB, OPTO PINS)
In the HUSB251, the constant voltage loop (CV loop) compensation and constant current loop (CC loop)
compensation are implemented. VIN voltage is scaled by a resistor divider to be as the feedback voltage. It is
compared with the internal voltage reference to generate an error signal. The CV loop can compensate this error
signal. And then the compensated signal is employed to drive the primary side of the opto-coupler and control the AC-
DC power loop.
CURRENT SENSE RESISTOR
The recommended current sense resistor is 5 mΩ. The sensed current information is employed to perform OCP, SCP
and Constant Current Control.
CC1 AND CC2 PINS
CC1 and CC2 pins are used to detect Type-C connection, BMC communication.
TYPE-C CC FUNCTION
CC1 and CC2 are the Configuration Channel pins used for connection and attachment detection, plug orientation
determination and system configuration management across USB Type-C cable.
The HUSB251 monitors the status of CC1 and CC2 pins and decide which state should enter.
CC1 and CC2 can be configured as Source, Sink and DRP by firmware. And default state of CC with Rd resistor.
CC1 and CC2 are configured as Source only mode with 1.5 A and 3 A current advertising. The default Rp current on
CC1 and CC2 is ICC_3P0, which means 3 A current advertising.
The CC1 and CC2 can tolerance a voltage up to 30V. This is helpful for the HUSB251 to survive in the failure when
the CC1 or CC2 is shorted to the VBUS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com