Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet(PDF) 16 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Description  Type-C DRP Controller with 32-bit RISC-V MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet(HTML) 16 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB251 Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 19Page - Hynetek Semiconductor Co., Ltd. HUSB251 Datasheet HTML 20Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HUSB251
Data Sheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 16 of 21
TYPICAL APPLICATION CIRCUITS
* HUSB251 IFB PIN Sink max current is 200uA; just select the Appropriate value of R1&R2 to ensure the max votage of VBUS
HUSB251
QFN-24
GATE
VFB
CS-
VDD
5mΩ
1
μF/6.3V
D+
510
Ω
1k
Ω
100nF/35V
1
μF/35V
1
μF/6.3V
IFB
VBUS
GND
CC2
CC1
D-
D+
GPIO0
OTP
PIN 1
1
μF
1k
Ω
100nF/35V
Optional
22
Ω
22
Ω
330pF/50V
22
Ω
22
Ω
330pF/50V
GPIO1
ADN
GPIO4
GPIO5
1k
Ω
1k
Ω
680
μF
DC-DC
Converter
R1
R2
VOUT
GND
FB
EN
LDO
OUT
GND
VIN
Battery
10
μF/35V
VIN
Figure 7. Typical Application Circuit for DRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com