Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 118 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 118 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 114Page - Texas Instruments DAC39RF10 Datasheet HTML 115Page - Texas Instruments DAC39RF10 Datasheet HTML 116Page - Texas Instruments DAC39RF10 Datasheet HTML 117Page - Texas Instruments DAC39RF10 Datasheet HTML 118Page - Texas Instruments DAC39RF10 Datasheet HTML 119Page - Texas Instruments DAC39RF10 Datasheet HTML 120Page - Texas Instruments DAC39RF10 Datasheet HTML 121Page - Texas Instruments DAC39RF10 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 232 page
background image
Table 7-17. PLL Configuration Table for 8b/10b Encoding Modes
R decimal
(fraction)
CLK Range
(FCLK) (GHz)
Register Values to Program
Actual Frequency Multipliers
Lane Bit Rate
(Gbps)
REFDIV
MPY
RATE
VRANGE
REFDIV
MPY
RATE
0.3125
(40/128)
2.5-5.12
0x08
0x14
0x3
FCLK<3.472GHz
1/8
5
0.5
0.78125 – 1.6
0.3125
(40/128)
5.0-10.24
0x10
0x14
0x2
FCLK<6.994GHz
1/16
5
1
1.5625 – 3.2
0.3125
(40/128)
10.0-12.8
0x20
0x14
0x1
1
1/32
5
2
3.125 – 4.0
0.4167 (40/96)
1.88-3.84
0x06
0x14
0x3
FCLK<2.604GHz
1/6
5
0.5
0.78125 – 1.6
0.4167 (40/96)
3.75-7.68
0x0C
0x14
0x2
FCLK<5.208GHz
1/12
5
1
1.5625 – 3.2
0.4167 (40/96)
7.50-12.8
0x18
0x14
0x1
FCLK<10.416GHz
1/24
5
2
3.125 – 5.333
0.625 (40/64)
1.25-2.56
0x04
0x14
0x3
FCLK<1.736GHz
1/4
5
0.5
0.78125 – 1.6
0.625 (40/64)
2.5-5.12
0x08
0x14
0x2
FCLK<3.472GHz
1/8
5
1
1.5625 – 3.2
0.625 (40/64)
5.00-10.24
0x10
0x14
0x1
FCLK<6.994GHz
1/16
5
2
3.125 – 6.4
0.625 (40/64)
10.00-12.8
0x20
0x14
0x0
1
1/32
5
4
6.25 – 8.0
0.833 (40/48)
0.94-1.92
0x03
0x14
0x3
FCLK<1.302GHz
1/3
5
0.5
0.78125 – 1.6
0.833 (40/48)
1.88-3.84
0x06
0x14
0x2
FCLK<2.604GHz
1/6
5
1
1.5625 – 3.2
0.833 (40/48)
3.75-7.68
0x0C
0x14
0x1
FCLK<5.208GHz
1/12
5
2
3.125 – 6.4
0.833 (40/48)
7.50-12.8
0x18
0x14
0x0
FCLK<10.416GHz
1/24
5
4
6.25 – 10.667
1 (40/40)
0.781-1.6
0x02
0x10
0x3
FCLK<1.085GHz
1/2
4
0.5
0.78125 – 1.6
1 (40/40)
1.5625-3.2
0x04
0x10
0x2
FCLK<2.17GHz
1/4
4
1
1.5625 – 3.2
1 (40/40)
3.125-6.4
0x08
0x10
0x1
FCLK<4.34GHz
1/8
4
2
3.125 – 6.4
1 (40/40)
6.25-12.8
0x10
0x10
0x0
FCLK<8.68GHz
1/16
4
4
6.25 – 12.8
1.25 (40/32)
0.625-1.28
0x02
0x14
0x3
FCLK<0.868GHz
1/2
5
0.5
0.78125 – 1.6
1.25 (40/32)
1.25-2.56
0x04
0x14
0x2
FCLK<1.736GHz
1/4
5
1
1.5625 – 3.2
1.25 (40/32)
2.5-5.12
0x08
0x14
0x1
FCLK<3.472GHz
1/8
5
2
3.125 – 6.4
1.25 (40/32)
5.0-10.24
0x10
0x14
0x0
FCLK<6.994GHz
1/16
5
4
6.25 – 12.8
1.667 (40/24)
0.47-0.96
0x03
0x28
0x3
FCLK<0.651GHz
1/3
10
0.5
0.78125 – 1.6
1.667 (40/24)
0.94-1.92
0x03
0x14
0x2
FCLK<1.302GHz
1/3
5
1
1.5625 – 3.2
1.667 (40/24)
1.88-3.84
0x06
0x14
0x1
FCLK<2.604GHz
1/6
5
2
3.125 – 6.4
1.667 (40/24)
3.75-7.68
0x0C
0x14
0x0
FCLK<5.208GHz
1/12
5
4
6.25 – 12.8
2 (40/20)
0.781-1.6
0x02
0x10
0x2
FCLK<1.085GHz
1/2
4
1
1.5625 – 3.2
2 (40/20)
1.5625-3.2
0x04
0x10
0x1
FCLK<2.17GHz
1/4
4
2
3.125 – 6.4
2 (40/20)
3.125-6.4
0x08
0x10
0x0
FCLK<4.34GHz
1/8
4
4
6.25 – 12.8
2.5 (40/16)
0.625-1.28
0x02
0x14
0x2
FCLK<0.868GHz
1/2
5
1
1.5625 – 3.2
2.5 (40/16)
1.25-2.56
0x04
0x14
0x1
FCLK<1.736GHz
1/4
5
2
3.125 – 6.4
2.5 (40/16)
2.5-5.12
0x08
0x14
0x0
FCLK<3.472GHz
1/8
5
4
6.25 – 12.8
3.3333 (40/12)
0.47 – 0.96
0x03
0x28
0x2
FCLK<0.651GHz
1/3
10
1
1.5625 – 3.2
3.3333 (40/12)
0.94 – 1.92
0x03
0x14
0x1
FCLK<1.302GHz
1/3
5
2
3.125 – 6.4
3.3333 (40/12)
1.88 – 3.84
0x06
0x14
0x0
FCLK<2.604GHz
1/6
5
4
6.25 – 12.8
4 (40/10)
0.781 – 1.6
0x02
0x10
0x1
FCLK<1.085GHz
1/2
4
2
3.125 – 6.4
4 (40/10)
1.5625 – 3.2
0x04
0x10
0x0
FCLK<2.17GHz
1/4
4
4
6.25 – 12.8
5 (40/8)
0.625-1.28
0x02
0x14
0x1
FCLK<0.868GHz
1/2
5
2
3.125 – 6.4
5 (40/8)
1.25-2.56
0x04
0x14
0x0
FCLK<1.736GHz
1/4
5
4
6.25 – 12.8
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
118
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com